データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

M25P128-VME6TP データシート(PDF) 9 Page - STMicroelectronics

部品番号 M25P128-VME6TP
部品情報  128 Mbit (Multilevel), Low Voltage, Serial Flash Memory With 50MHz SPI Bus Interface
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M25P128-VME6TP データシート(HTML) 9 Page - STMicroelectronics

Back Button M25P128-VME6TP Datasheet HTML 5Page - STMicroelectronics M25P128-VME6TP Datasheet HTML 6Page - STMicroelectronics M25P128-VME6TP Datasheet HTML 7Page - STMicroelectronics M25P128-VME6TP Datasheet HTML 8Page - STMicroelectronics M25P128-VME6TP Datasheet HTML 9Page - STMicroelectronics M25P128-VME6TP Datasheet HTML 10Page - STMicroelectronics M25P128-VME6TP Datasheet HTML 11Page - STMicroelectronics M25P128-VME6TP Datasheet HTML 12Page - STMicroelectronics M25P128-VME6TP Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 41 page
background image
M25P128
SPI modes
Rev. 1
9/41
3
SPI modes
These devices can be driven by a microcontroller with its SPI peripheral running in either of
the two following modes:
●
CPOL=0, CPHA=0
●
CPOL=1, CPHA=1
For these two modes, input data is latched in on the rising edge of Serial Clock (C), and
output data is available from the falling edge of Serial Clock (C).
The difference between the two modes, as shown in Figure 5, is the clock polarity when the
bus master is in Stand-by mode and not transferring data:
●
C remains at 0 for (CPOL=0, CPHA=0)
●
C remains at 1 for (CPOL=1, CPHA=1)
Figure 4.
Bus Master and Memory Devices on the SPI Bus
1.
The Write Protect (W) and Hold (HOLD) signals should be driven, High or Low as appropriate.
Figure 5.
SPI Modes Supported
AI03746e
Bus Master
(ST6, ST7, ST9,
ST10, Others)
SPI Memory
Device
SDO
SDI
SCK
CQD
S
SPI Memory
Device
CQD
S
SPI Memory
Device
CQD
S
CS3
CS2
CS1
SPI Interface with
(CPOL, CPHA) =
(0, 0) or (1, 1)
W
HOLD
W
HOLD
W
HOLD
R(2)
R(2)
R(2)
VCC
VCC
VCC
VCC
AI01438B
C
MSB
CPHA
D
0
1
CPOL
0
1
Q
C
MSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41