| データシートサーチシステム |
|
M25P128-VME6TP データシート(PDF) 31 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M25P128-VME6TP データシート(HTML) 31 Page - STMicroelectronics |
|
31 / 41 page ![]() M25P128 Maximum rating Rev. 1 31/41 9 Maximum rating Stressing the device outside the ratings listed in Table 9 may cause permanent damage to the device. These are stress ratings only, and operation of the device at these, or any other conditions outside those indicated in the Operating sections of this specification, is not implied. Exposure to Absolute Maximum Rating conditions for extended periods may affect device reliability. Refer also to the STMicroelectronics SURE Program and other relevant quality documents. Table 9. Absolute Maximum Ratings Symbol Parameter Min. Max. Unit TSTG Storage Temperature –65 150 °C VIO Input and Output Voltage (with respect to Ground) –0.5 4.0 V VCC Supply Voltage –0.2 4.0 V VESD Electrostatic Discharge Voltage (Human Body model) (1) 1. JEDEC Std JESD22-A114A (C1=100 pF, R1=1500 Ω, R2=500 Ω) –2000 2000 V |