| データシートサーチシステム |
|
STE2007 データシート(PDF) 52 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STE2007 データシート(HTML) 52 Page - STMicroelectronics |
|
52 / 62 page ![]() 8 Commands STE2007 52/62 8.18 Temperature Compensation Its is possible to select different VLCD temperature compensation Coefficients. Table 43. VLCD Temperature Compensation Temperature Compensation Formula: VLCD(T) = VLCD(TA) · [1 + (T(°C) - TA) · TC] TC = Temperature Compensation Coefficients T(°C) = Temperature VLCD(TA) = LCD Voltage at TA Temperature (Room Temperature) Table 44. TC 8.19 Charge Pump Multiplication Factor It is possible to select different Charge Pump Multiplication Factors. Table 45. Charge Pump Setting (D/C) D7 D6 D5 D4 D3 D2 D1 D0 HEX Function 0 0 0 1 1 1 0 0 0 38 Command Identifier 0 * *** * Thermal Compensation TC Data Field TC2 TC1 TC0 TC Value 000 TC= 0 PPM 001 TC= -300 PPM 010 TC= -600 PPM 011 TC= -900 PPM 100 TC= -1070 PPM 101 TC= -1200 PPM 110 TC= -1500 PPM 111 TC= -1800 PPM (D/C) D7 D6 D5 D4 D3 D2 D1 D0 HEX Function 0 0 0 1 1 1 1 0 1 3D Command Identifier 0 *** *** CP1 CP0 Data Field |