| データシートサーチシステム |
|
STE2007 データシート(PDF) 17 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STE2007 データシート(HTML) 17 Page - STMicroelectronics |
|
17 / 62 page ![]() STE2007 4 INTERFACE 17/62 Figure 6. 3-lines SPI Data Transfer break condition 4.1.1.2 Data/Command Transfer pause It is possible while transferring Frame Memory Data, Commands or Command Parameters to insert a pause in the data transmission (!CS Line HIGH after 8 Bits Received). When !CS is forced high after a whole byte received, the received byte is processed. Then STE2007 is forced in a wait state ready to restart processing incoming data from the point where the communication has been paused If a new command identifier is transferred after a pause condition the previous communication session is definitively closed. Four are the possible conditions: – Command-Pause-Command – Command-Pause-Parameter – Parameter-Pause-Command – Parameter-Pause-Parameter Figure 7. 3-lines SPI Data Transfer Pause 4.1.2 Driver TxData Mode (Read Mode) The Driver TxData–mode is a method to check the electrical interconnection between LCD driver and baseband, to identify the driver and for VDD Intercfonnection electrical self testing. LR0204 D7 D6 D5 D4 D3 D7 D6 D5 D4 !CS SDA SCL COMMAND/PARAMETER COMMAND/PARAMETER Break D/!C LR0203 D3 D2 D1 D0 D7 D6 D5 D4 D3 !CS SDA SCL COMMAND/PARAMETER COMMAND/PARAMETER Pause D2 D1 D0 D/!C |