| データシートサーチシステム |
|
STE2007DIE2 データシート(PDF) 44 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STE2007DIE2 データシート(HTML) 44 Page - STMicroelectronics |
|
44 / 62 page ![]() 8 Commands STE2007 44/62 8.4 Page address set This command specifies the page address of the DDRAM. Specifying the page address and column address enables to access a desired bit of the DDRAM. After the last column address (5FH), page address is incremented by +1. After the very last address (column = 5FH, page = 8H), page address return to 0H. Table 22. Page address set 8.5 Column address set This command specifies the column address of the DDRAM. The column address is split into two sections (the upper 3–bits and lower 4–bits) when it is set. Each time the DDRAM is accessed, the column address automatically increments by +1, imaging it possible for the MCU to continuously access to the display data. After the last column address (5FH), column address returns to 00H. Table 23. Column address set * Disabled bit (D/C) D7 D6D5 D4D3D2 D1D0 HEX Setting 0 1 01 100 00 B0 0H 00 0 0 1 B1 1H 00 0 1 0 B2 2H 0: : : 01 0 0 0 B8 8H (D/C) D7D6 D5D4D3D2 D1D0 Setting 0 0 0 0 1 * A6 A5 A4 Upper bit address 0 A3 A2 A1 A0 Lower bit address (D/C) A6 A5 A4 A3 A2 A1 A0 Column address 0 0 00 00 00 00H 0 0 00 00 01 01H 0 0 00 00 10 02H .. .. 0 1 01 11 10 5EH 0 1 01 11 11 5FH |