| データシートサーチシステム |
|
STE2007DIE2 データシート(PDF) 51 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STE2007DIE2 データシート(HTML) 51 Page - STMicroelectronics |
|
51 / 62 page ![]() STE2007 8 Commands 51/62 8.17 Bias Ratio It is possible to select different Bias Ratio. Table 40. Bias Ratio Table 41. BIAS Ratio Table 42. Bias levels Generator (D/C) D7 D6 D5 D4 D3 D2 D1 D0 Function 0 0 0 1 1 0 BR2 BR1 BR0 Command Identifier + Data Field BR2 BR1 BR0 Function 0 0 0 Bias Ratio =1/10 - 81 Lines 0 0 1 Bias Ratio = 1/9 - 65 Lines 0 1 0 Bias Ratio =1/8 - 49 Lines 0 1 1 Bias Ratio = 1/7 - 33 Lines 1 0 0 Bias Ratio =1/6 - 25 Lines 1 0 1 Bias Ratio = 1/5 - 17 Lines 1 1 0 Bias Ratio =1/4 - 9 Lines 1 1 1 Not Used R VLCD VSS ·VLCD ·VLCD ·VLCD ·VLCD 9 10 R 6 R R R 8 10 2 10 1 10 R VLCD VSS ·VLCD ·VLCD ·VLCD ·VLCD 8 9 R 5 R R R 7 9 2 9 1 9 BR=000 BR=001 R VLCD VSS ·VLCD ·VLCD ·VLCD ·VLCD 7 8 R 4 R R R 6 8 2 8 1 8 R VLCD VSS ·VLCD ·VLCD ·VLCD ·VLCD 6 7 R 3 R R R 5 7 2 7 1 7 BR=010 BR=011 R VLCD VSS ·VLCD ·VLCD ·VLCD ·VLCD 5 6 R 2 R R R 4 6 2 6 1 6 R VLCD VSS ·VLCD ·VLCD ·VLCD ·VLCD 4 5 R 1 R R R 3 5 2 5 1 5 BR=100 BR=101 R VLCD VSS ·VLCD ·VLCD ·VLCD ·VLCD 3 4 R 4 R R R 2 4 2 4 1 4 BR=110 |