| データシートサーチシステム |
|
STE2007DIE2 データシート(PDF) 50 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STE2007DIE2 データシート(HTML) 50 Page - STMicroelectronics |
|
50 / 62 page ![]() 8 Commands STE2007 50/62 – The display data and operation mode before execution of the Power saver are held, and the MCU can access to the DDRAM and internal registers. 8.14 Reset When this command is issued, the driver is initialized.This command doesn’t change DDRAM content. Table 36. Reset 8.15 NOP Non–operation command. Table 37. NOP 8.16 Image Location Image Location Command Table 38. Image Location Table 39. Image Location (D/C) D7 D6 D5 D4 D3 D2 D1 D0 HEX Function 0 1 1 1 0 0 0 1 0 E2 Command Identifier (D/C) D7 D6 D5 D4 D3 D2 D1 D0 HEX Function 0 1 1 1 0 0 0 1 1 E3 Command Identifier (D/C) D7 D6 D5 D4 D3 D2 D1 D0 HEX Function 0 1 0 1 0 1 1 0 0 AC Command Identifier 0 * * * * * IL2 IL1 IL0 Data Field IL2 IL1 IL0 Function 0 0 0 0 Lines 0 0 1 8 Lines 0 1 0 16 Lines 0 1 1 24 Lines 1 0 0 32 Lines 1 0 1 48 Lines 1 1 0 56 Lines 1 1 1 64 Lines |