| データシートサーチシステム |
|
DLPC3421 データシート(PDF) 53 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
DLPC3421 データシート(HTML) 53 Page - Texas Instruments |
|
53 / 63 page ![]() 10.1.5 DMD Control and Sub-LVDS Signals Table 10-4. Maximum Pin-to-Pin PCB Interconnect Recommendations DMD BUS SIGNAL(1) (2) SIGNAL INTERCONNECT TOPOLOGY UNIT SINGLE-BOARD SIGNAL ROUTING LENGTH MULTI-BOARD SIGNAL ROUTING LENGTH DMD_HS_CLK_P DMD_HS_CLK_N 6.0 (152.4) See (3) in (mm) DMD_HS_WDATA_C_P DMD_HS_WDATA_C_N 6.0 (152.4) See (3) in mm DMD_HS_WDATA_D_P DMD_HS_WDATA_D_N DMD_HS_WDATA_E_P DMD_HS_WDATA_E_N DMD_HS_WDATA_F_P DMD_HS_WDATA_F_N DMD_LS_CLK 6.5 (165.1) See (3) in (mm) DMD_LS_WDATA 6.5 (165.1) See (3) in (mm) DMD_LS_RDATA 6.5 (165.1) See (3) in (mm) DMD_DEN_ARSTZ 7.0 (177.8) See (3) in (mm) (1) Maximum signal routing length includes escape routing. (2) Multi-board DMD routing length is more restricted due to the impact of the connector. (3) Due to PCB variations, these recommendations cannot be defined. Any board design should SPICE simulate with the controller IBIS model (found under the Tools & Software tab of the controller web page) to ensure routing lengths do not violate signal requirements. www.ti.com DLPC3421 DLPS231 – OCTOBER 2021 Copyright © 2021 Texas Instruments Incorporated Submit Document Feedback 53 Product Folder Links: DLPC3421 |