| データシートサーチシステム |
|
ES9026PRO データシート(PDF) 33 Page - ESS Technology,Inc |
|
|
|||||||||||||||||||||||||||||
ES9026PRO データシート(HTML) 33 Page - ESS Technology,Inc |
|
33 / 57 page ![]() March 5, 2019 CONFIDENTIAL ADVANCE INFORMATION v3.4 ES9026PRO 32-Bit HyperStream® II 8-Channel Audio DAC 33 ESS TECHNOLOGY, INC. 237 South Hillview Drive, Milpitas, CA 95035, USA. Tel (408) 643- 8800 • Fax (408) 643-8801 Register 42-45: Programmable NCO Bits [31:0] Mnemonic nco_num Default 32’d0 Bit Mnemonic Description [31:0] nco_num An unsigned 32-bit quantity that provides the ratio between MCLK and DATA_CLK. This value can be used to generate arbitrary DATA_CLK frequencies in master mode. A value of 0 disables this operating mode. Note: Master mode must still be enabled for the Sabre to drive the DATA_CLK and DATA1 pins. You must also select either serial mode or DSD mode in the input_select register to determine whether DATA_CLK should be driven alone (DSD mode) or both DATA_CLK and DATA1 should be driven (serial mode). • 32’d0: disables NCO mode (default) • 32’dX: enables NCO mode Note: NCO is determined by the following equation FSR = (nco_num ∗ MCLK) 232 |