| データシートサーチシステム |
|
ES9026PRO データシート(PDF) 14 Page - ESS Technology,Inc |
|
|
|||||||||||||||||||||||||||||
ES9026PRO データシート(HTML) 14 Page - ESS Technology,Inc |
|
14 / 57 page ![]() CONFIDENTIAL ADVANCE INFORMATION v3.4 March 5, 2019 ES9026PRO 32-Bit HyperStream® II 8-Channel Audio DAC ESS TECHNOLOGY, INC. 237 South Hillview Drive, Milpitas, CA 95035, USA. Tel (408) 643- 8800 • Fax (408) 643-8801 14 Serial Control Interface The registers inside the chip are programmed via an I2C interface. The diagram below shows the timing for this interface. Notes: 1. The CHIP ADDRESS is 0x92 2. The first byte after the CHIP ADDRESS ( “ADDRESS”) is the register address. 3. The second byte after the CHIP ADDRESS (“DATA”) is the data to be programmed into the register 4. Multi-byte reads are NOT supported and will cause the I2C decoder to become unresponsive until a reset occurs. I2C Timing Table Start Start Start Stop Parameter Symbol MCLK Constraint Standard-Mode Fast-Mode Unit MIN MAX MIN MAX SCL Clock Frequency fSCL < MCLK/20 0 100 0 400 kHz START condition hold time tHD,STA 4.0 - 0.6 - s LOW period of SCL tLOW >10/MCLK 4.7 - 1.3 - s HIGH period of SCL (>10/MCLK) tHIGH >10/MCLK 4.0 - 0.6 - s START condition setup time (repeat) tSU,STA 4.7 - 0.6 - s SDA hold time from SCL falling tHD,DAT 0 - 0 - s SDA setup time from SCL rising tSU,DAT 250 - 100 - ns Rise time of SDA and SCL tr - 1000 300 ns Fall time of SDA and SCL tf - 300 300 ns STOP condition setup time tSU,STO 4 - 0.6 - s Bus free time between transmissions tBUF 4.7 - 1.3 - s Capacitive load for each bus line Cb - 400 - 400 pF ADDR=1 |