データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ES9026PRO データシート(PDF) 11 Page - ESS Technology,Inc

部品番号 ES9026PRO
部品情報  32-Bit HyperStream짰 II 8-Channel Audio DAC
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ESS [ESS Technology,Inc]
ホームページ  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9026PRO データシート(HTML) 11 Page - ESS Technology,Inc

Back Button ES9026PRO Datasheet HTML 7Page - ESS Technology,Inc ES9026PRO Datasheet HTML 8Page - ESS Technology,Inc ES9026PRO Datasheet HTML 9Page - ESS Technology,Inc ES9026PRO Datasheet HTML 10Page - ESS Technology,Inc ES9026PRO Datasheet HTML 11Page - ESS Technology,Inc ES9026PRO Datasheet HTML 12Page - ESS Technology,Inc ES9026PRO Datasheet HTML 13Page - ESS Technology,Inc ES9026PRO Datasheet HTML 14Page - ESS Technology,Inc ES9026PRO Datasheet HTML 15Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 57 page
background image
March 5, 2019
CONFIDENTIAL ADVANCE INFORMATION v3.4
ES9026PRO 32-Bit HyperStream® II 8-Channel Audio DAC
11
ESS TECHNOLOGY, INC. 237 South Hillview Drive, Milpitas, CA 95035, USA. Tel (408) 643-
8800 • Fax (408) 643-8801
THD Compensation
THD Compensation can be used to minimize distortion from external PCB components and layout through the generation of
inverse second and third harmonic components matching the target system distortion profile.
THD compensation can be enabled via thd_enb in Register 13: Jitter Eliminator / DPLL Configuration & THD Bypass.
The coefficient for manipulating second harmonic distortion is stored in Register 28-29: THD Compensation C2.
The coefficient for manipulating third harmonic distortion is stored in Register 30-31: THD Compensation C3.
All channels use the same compensation coefficients.
Full Channel Mapping, Mono Mode and Stereo Mode
Channel mapping allows output channels to be remapped to arbitrary input channels for optimized PCB routing
Clearing stereo_mode in Register 15: GPIO Input Selection & Volume Configuration allows the data for each DAC to be
sourced from any input channel using Registers 38-41: DAC Channel Mapping.
Mono mode can be implemented by channel mapping all output DAC sources to the same input channel
Setting stereo_mode in Register 15: GPIO Input Selection & Volume Configuration will source DAC channels 1/3/5/7 and
channels 2/4/6/8 from input channel 1 and 2.
In SPDIF mode, DAC channels 1/3/5/7 and channels 2/4/6/8 are sourced from SPDIF input left and right channels.
Power Supplies
To minimize THD+N, AVCC_L and AVCC_R must be powered by low-noise +3.3V supplies. Although AVCC_L and
AVCC_R could be powered from a single low-noise supply, crosstalk would be compromised and so separate +3.3V supplies
are highly recommended. The ES9311Q dual ultra-low noise regulator is designed to power AVCC_L and AVCC_R and
minimize THD+N and crosstalk on all SABRE PRO DACs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57