データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STSPIN32G4TR データシート(PDF) 39 Page - STMicroelectronics

部品番号 STSPIN32G4TR
部品情報  High performance 3-phase motor controller with embedded STM32G4 MCU
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STSPIN32G4TR データシート(HTML) 39 Page - STMicroelectronics

Back Button STSPIN32G4TR Datasheet HTML 35Page - STMicroelectronics STSPIN32G4TR Datasheet HTML 36Page - STMicroelectronics STSPIN32G4TR Datasheet HTML 37Page - STMicroelectronics STSPIN32G4TR Datasheet HTML 38Page - STMicroelectronics STSPIN32G4TR Datasheet HTML 39Page - STMicroelectronics STSPIN32G4TR Datasheet HTML 40Page - STMicroelectronics STSPIN32G4TR Datasheet HTML 41Page - STMicroelectronics STSPIN32G4TR Datasheet HTML 42Page - STMicroelectronics STSPIN32G4TR Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 48 page
background image
Symbol
Dimensions
(mm)
Min.
Typ.
Max.
A
0.80
0.90
1.00
A1
0.02
0.05
A3
0.10 REF
b
0.20
0.25
0.30
D
8.90
9.00
9.10
D2
3.90
4.00
4.10
E
8.90
9.00
9.10
E2
3.90
4.00
4.10
e
0.50
L
0.30
0.40
0.50
aaa
0.15
bbb
0.10
ccc
0.10
ddd
0.05
eee
0.08
fff
0.10
Figure 25. VFQFPN 9X9X1.0 64 PITCH 0.50 suggested footprint
STSPIN32G4
Package information
DS13630 - Rev 1
page 39/48



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48