| データシートサーチシステム |
|
MCIMX503CVM8B データシート(PDF) 107 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
MCIMX503CVM8B データシート(HTML) 107 Page - NXP Semiconductors |
|
107 / 136 page ![]() Package Information and Contact Assignments i.MX50 Applications Processors for Consumer Products, Rev. 7 Freescale Semiconductor 107 5.1.3 416 MAPBGA 13 x 13 Power Rails Table 80. 416 MAPBGA 13x13 Ground, Power, Sense, and Reference Contact Signals Pin Name Ball Number Comments GND_DCDC W5 — NVCC_EIM L7, M7, M8 — NVCC_EMI_DRAM A21, AA21, AA23, AA24, AC21, AD21, B21, D21, D23, D24, K21, K23, K24, R21, R23, R24 — NVCC_EPDC M10, N10, P10, R10, U10 — NVCC_JTAG U9 — NVCC_KEYPAD N8 — NVCC_LCD U11 — NVCC_MISC P8 — NVCC_NANDF V9, V10 — NVCC_RESET V8 — NVCC_SD1 T7 — NVCC_SD2 U8 — NVCC_SPI R7 — Table 79. 416 MAPBGA 13x13 mm, 0.5 mm Pitch Ball Map (continued) |