データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MCIMX503CVM8B データシート(PDF) 108 Page - NXP Semiconductors

部品番号 MCIMX503CVM8B
部品情報  i.MX50 Applications Processors for Consumer Products
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NXP [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo NXP - NXP Semiconductors

MCIMX503CVM8B データシート(HTML) 108 Page - NXP Semiconductors

Back Button MCIMX503CVM8B Datasheet HTML 104Page - NXP Semiconductors MCIMX503CVM8B Datasheet HTML 105Page - NXP Semiconductors MCIMX503CVM8B Datasheet HTML 106Page - NXP Semiconductors MCIMX503CVM8B Datasheet HTML 107Page - NXP Semiconductors MCIMX503CVM8B Datasheet HTML 108Page - NXP Semiconductors MCIMX503CVM8B Datasheet HTML 109Page - NXP Semiconductors MCIMX503CVM8B Datasheet HTML 110Page - NXP Semiconductors MCIMX503CVM8B Datasheet HTML 111Page - NXP Semiconductors MCIMX503CVM8B Datasheet HTML 112Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 136 page
background image
i.MX50 Applications Processors for Consumer Products, Rev. 7
Package Information and Contact Assignments
Freescale Semiconductor
108
NVCC_SRTC
AA1
—
NVCC_SSI
R8
—
NVCC_UART
T8
—
USB_H1_VDDA25
AD9
Note that on the 416 MAPBGA package,
USB_OTG_VDDA25 and USB_H1_VDDA25
are shorted together on the substrate.
USB_H1_VDDA33
AC11
Note that on the 416 MAPBGA package,
USB_OTG_VDDA33 and USB_H1_VDDA33
are shorted together on the substrate.
USB_OTG_VDDA25
AC9
Note that on the 416 MAPBGA package,
USB_OTG_VDDA25 and USB_H1_VDDA25
are shorted together on the substrate.
USB_OTG_VDDA33
AD11
Note that on the 416 MAPBGA package,
USB_OTG_VDDA33 and USB_H1_VDDA33
are shorted together on the substrate.
VCC
H14, H15, H16, H17, J17, K14, K15, K17, L15
—
VDD_DCDCI
Y6
—
VDD_DCDCO
Y5
—
VDD1P2
AD6
—
VDD1P8
AD7
—
VDD2P5
AD4
—
VDD3P0
AD3
—
VDDA
P17, R17
—
VDDAL1
P15, R15
—
VDDGP
G10, G8, G9, H10, H11, H8, H9, J8, K10, K11, K7,
K8, L10, L11, L8
—
VDDO25
N23
—
VSS
A1, A18, A24, AA11, AA2, AA9, AC18, AC3, AC4,
AC6, AC7, AD1, AD18, AD24, B18, G20, G21,
G23, H12, H13, K12, K13, L12, L13, L14, L17,
M11, M14, M15, M17, M18, M20, M21, N11, N14,
N15, N17, P11, P12, P13, P14, R11, R12, R13,
R14, T17, T18, U12, U13, U14, U15, U16, U17,
U18, V17, V18, V20, V21, V23
—
Table 80. 416 MAPBGA 13x13 Ground, Power, Sense, and Reference Contact Signals (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More