| データシートサーチシステム |
|
MCIMX503CVM8B データシート(PDF) 126 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
MCIMX503CVM8B データシート(HTML) 126 Page - NXP Semiconductors |
|
126 / 136 page ![]() i.MX50 Applications Processors for Consumer Products, Rev. 7 Package Information and Contact Assignments Freescale Semiconductor 126 DRAM_D10 G24 G20 E17 NVCC_EMI_DRAM DRAM ALT0 IN Keeper DRAM_D11 H23 H18 D19 NVCC_EMI_DRAM DRAM ALT0 IN Keeper DRAM_D12 F23 G18 D18 NVCC_EMI_DRAM DRAM ALT0 IN Keeper DRAM_D13 F24 F20 E18 NVCC_EMI_DRAM DRAM ALT0 IN Keeper DRAM_D14 E24 E20 C18 NVCC_EMI_DRAM DRAM ALT0 IN Keeper DRAM_D15 E23 E19 C17 NVCC_EMI_DRAM DRAM ALT0 IN Keeper DRAM_D16 AC19 V11 Y19 NVCC_EMI_DRAM DRAM ALT0 IN Keeper DRAM_D17 AD19 Y11 Y18 NVCC_EMI_DRAM DRAM ALT0 IN Keeper DRAM_D18 AC20 V12 V19 NVCC_EMI_DRAM DRAM ALT0 IN Keeper DRAM_D19 AD20 Y12 W19 NVCC_EMI_DRAM DRAM ALT0 IN Keeper DRAM_D2 W23 V17 P20 NVCC_EMI_DRAM DRAM ALT0 IN Keeper DRAM_D20 AC22 V13 W20 NVCC_EMI_DRAM DRAM ALT0 IN Keeper DRAM_D21 AD22 Y13 W18 NVCC_EMI_DRAM DRAM ALT0 IN Keeper DRAM_D22 AC23 V14 V20 NVCC_EMI_DRAM DRAM ALT0 IN Keeper DRAM_D23 AD23 Y14 U19 NVCC_EMI_DRAM DRAM ALT0 IN Keeper DRAM_D24 B23 G15 B19 NVCC_EMI_DRAM DRAM ALT0 IN Keeper DRAM_D25 A23 E15 B18 NVCC_EMI_DRAM DRAM ALT0 IN Keeper DRAM_D26 A22 E14 A16 NVCC_EMI_DRAM DRAM ALT0 IN Keeper DRAM_D27 B22 G14 B17 NVCC_EMI_DRAM DRAM ALT0 IN Keeper DRAM_D28 B20 E13 A17 NVCC_EMI_DRAM DRAM ALT0 IN Keeper DRAM_D29 A20 E12 A18 NVCC_EMI_DRAM DRAM ALT0 IN Keeper DRAM_D3 W24 U20 P19 NVCC_EMI_DRAM DRAM ALT0 IN Keeper DRAM_D30 A19 E11 A19 NVCC_EMI_DRAM DRAM ALT0 IN Keeper DRAM_D31 B19 E10 B20 NVCC_EMI_DRAM DRAM ALT0 IN Keeper DRAM_D4 V24 T20 N20 NVCC_EMI_DRAM DRAM ALT0 IN Keeper DRAM_D5 U23 U18 N18 NVCC_EMI_DRAM DRAM ALT0 IN Keeper DRAM_D6 T23 T18 M20 NVCC_EMI_DRAM DRAM ALT0 IN Keeper DRAM_D7 U24 R18 N19 NVCC_EMI_DRAM DRAM ALT0 IN Keeper DRAM_D8 J23 J18 D17 NVCC_EMI_DRAM DRAM ALT0 IN Keeper DRAM_D9 H24 H20 F18 NVCC_EMI_DRAM DRAM ALT0 IN Keeper Table 85. Alphabetical List of Signal Assignments (continued) Pin Name 416 MAPBGA Ball Number 416 PoPBGA Ball Number 400 MAPBGA Ball Number Pin Power Domain Pad Type IOMUX MUX CTL After Reset Direction After Reset IOMUX PAD CTL After Reset |