データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SPC58EE80E7 データシート(PDF) 82 Page - STMicroelectronics

部品番号 SPC58EE80E7
部品情報  32-bit Power Architecture microcontroller for automotive ASIL-D applications
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC58EE80E7 データシート(HTML) 82 Page - STMicroelectronics

Back Button SPC58EE80E7 Datasheet HTML 78Page - STMicroelectronics SPC58EE80E7 Datasheet HTML 79Page - STMicroelectronics SPC58EE80E7 Datasheet HTML 80Page - STMicroelectronics SPC58EE80E7 Datasheet HTML 81Page - STMicroelectronics SPC58EE80E7 Datasheet HTML 82Page - STMicroelectronics SPC58EE80E7 Datasheet HTML 83Page - STMicroelectronics SPC58EE80E7 Datasheet HTML 84Page - STMicroelectronics SPC58EE80E7 Datasheet HTML 85Page - STMicroelectronics SPC58EE80E7 Datasheet HTML 86Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 154 page
background image
Electrical characteristics
SPC58EEx, SPC58NEx
82/154
DS11646 Rev 4
7. CB capacitance is required if only the external ballast is implemented.
8. The application has to implement one of the two recommended combinations of external components for the SMPS
regulator:
PMOS, NMOS and CS2 (common), plus CS1_A and LS_A (option A), or
PMOS, NMOS and CS2 (common), plus CS1_B and LS_B (option B).
9. The value of the capacitance on the HV supply reported in the datasheet is a general recommendation. The application can
select a different number, based on the external regulator and emc requirements.
10. Recommended X7R or X5R ceramic –35% / +35% variation across process, temperature, voltage and after aging.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More