データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SPC58EE80E7 データシート(PDF) 98 Page - STMicroelectronics

部品番号 SPC58EE80E7
部品情報  32-bit Power Architecture microcontroller for automotive ASIL-D applications
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC58EE80E7 データシート(HTML) 98 Page - STMicroelectronics

Back Button SPC58EE80E7 Datasheet HTML 94Page - STMicroelectronics SPC58EE80E7 Datasheet HTML 95Page - STMicroelectronics SPC58EE80E7 Datasheet HTML 96Page - STMicroelectronics SPC58EE80E7 Datasheet HTML 97Page - STMicroelectronics SPC58EE80E7 Datasheet HTML 98Page - STMicroelectronics SPC58EE80E7 Datasheet HTML 99Page - STMicroelectronics SPC58EE80E7 Datasheet HTML 100Page - STMicroelectronics SPC58EE80E7 Datasheet HTML 101Page - STMicroelectronics SPC58EE80E7 Datasheet HTML 102Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 154 page
background image
Electrical characteristics
SPC58EEx, SPC58NEx
98/154
DS11646 Rev 4
Figure 24. Aurora timings
3.18.1.5
External interrupt timing (IRQ pin)
Tx Data [m]
Zero Crossover
CLOCKREF -
CLOCKREF +
2
Zero Crossover
1a
1a
1a
1a
2
1
Tx Data
-
Tx Data
+
Ideal Zero Crossover
Tx Data [n]
Zero Crossover
Tx Data [n+1]
Zero Crossover
9
9
8
8
8
Table 53. External interrupt timing
Characteristic
Symbol
Min
Max
Unit
IRQ Pulse Width Low
tIPWL
3—
tcyc
IRQ Pulse Width High
tIPWH
3—
tcyc
IRQ Edge to Edge Time(1)
tICYC
6—
tcyc
1. Applies when IRQ pins are configured for rising edge or falling edge events, but not both.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More