| データシートサーチシステム |
|
SPC58EE80E7 データシート(PDF) 85 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
SPC58EE80E7 データシート(HTML) 85 Page - STMicroelectronics |
|
85 / 154 page ![]() DS11646 Rev 4 85/154 SPC58EEx, SPC58NEx Electrical characteristics 87 3.16.3 Voltage monitors The monitors and their associated levels for the device are given in Table 45. Figure 17 illustrates the workings of voltage monitoring threshold. Figure 17. Voltage monitor threshold definition VDD_xxx HVD TRIGGER TVMFILTER VLVD TVMFILTER VHVD LVD TRIGGER TVMFILTER TVMFILTER (INTERNAL) (INTERNAL) Table 45. Voltage monitor electrical characteristics Symbol C Supply/Parameter(1) Conditions Value(2) Unit Min Typ Max PowerOn Reset HV VPOR200_C CC P VDD_HV_IO_MAIN — 1.80 2.18 2.40 V Minimum Voltage Detectors HV VMVD270_C CC P VDD_HV_IO_MAIN — 2.71 2.76 2.80 V VMVD270_F CC P VDD_HV_FLA — 2.71 2.76 2.80 V VMVD270_SBY CC P VDD_HV_IO_MAIN (in Standby) — 2.71 2.76 2.80 V Low Voltage Detectors HV VLVD290_C CC P VDD_HV_IO_MAIN — 2.89 2.94 2.99 V |