データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STM32L031C6 データシート(PDF) 41 Page - STMicroelectronics

部品番号 STM32L031C6
部品情報  Access line ultra-low-power 32-bit MCU Arm®-based Cortex®-M0, up to 32KB Flash, 8KB SRAM, 1KB EEPROM, ADC
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L031C6 データシート(HTML) 41 Page - STMicroelectronics

Back Button STM32L031C6 Datasheet HTML 37Page - STMicroelectronics STM32L031C6 Datasheet HTML 38Page - STMicroelectronics STM32L031C6 Datasheet HTML 39Page - STMicroelectronics STM32L031C6 Datasheet HTML 40Page - STMicroelectronics STM32L031C6 Datasheet HTML 41Page - STMicroelectronics STM32L031C6 Datasheet HTML 42Page - STMicroelectronics STM32L031C6 Datasheet HTML 43Page - STMicroelectronics STM32L031C6 Datasheet HTML 44Page - STMicroelectronics STM32L031C6 Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 126 page
background image
DS10668 Rev 6
41/126
STM32L031x4/6
Pin descriptions
46
13 C3
13
13 13 13
17
17
PA7
I/O
FT
-
SPI1_MOSI,
LPTIM1_OUT,
USART2_CTS,
TIM22_CH2,
EVENTOUT,
COMP2_OUT
ADC_IN7
-
E2
14
14 14 141818
PB0
I/O
FT
-
EVENTOUT,
SPI1_MISO,
USART2_RTS/
USART2_DE,
TIM2_CH3
ADC_IN8, VREF_OUT
14 D2
15
15 15 15
19
19
PB1
I/O
FT
-
USART2_CK,
SPI1_MOSI,
LPUART1_RTS/
LPUART1_DE,
TIM2_CH4
ADC_IN9, VREF_OUT
-
-
-
-
-
162020
PB2
I/O
FT
-
LPTIM1_OUT
-
-
-
-
-
-
-
21
21
PB10
I/O
FT
-
TIM2_CH3,
LPUART1_TX
-
-
-
-
-
-
-
22
22
PB11
I/O
FT
-
EVENTOUT,
TIM2_CH4,
LPUART1_RX
-
15
-
16
16 16
-
23
23
VSS
S
-
-
-
-
16
-
17
17 17 172424
VDD
S
-
-
-
-
-
-
-
-
-
-
25
25
PB12
I/O
FT
-
SPI1_NSS,
EVENTOUT
-
Table 15. Pin definitions (continued)
Pin Number
Pin name
(function
after reset)
Pin
type
Alternate
functions
Additional functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More