| データシートサーチシステム |
|
PI3DPX1202A データシート(PDF) 40 Page - Diodes Incorporated |
|
|
|||||||||||||||||||||||||||||
PI3DPX1202A データシート(HTML) 40 Page - Diodes Incorporated |
|
40 / 51 page ![]() A product Line of Diodes Incorporated 40 of 51 www.diodes.com February 2020 © Diodes Incorporated PI3DPX1202A Document number: DS40115 Rev 3-3 PI3DPX1202A • Ground referencing is highly recommended. If unavoidable, stitching capacitors of 0.1uF should be placed when reference plane is changed. Figure 6-7: Stitching Capacitor Placement • To keep the reference unchanged, stitching vias must be used when changing layers. • Differential pair should maintain symmetrical routing whenever possible. The intra-pair skew of micro-strip should be less than 5 mils. • To keep the reference unchanged, stitching vias must be used when changing layers. • Differential pair should maintain symmetrical routing whenever possible. The intra-pair skew of micro-strip should be less than 5 mils. Figure 6-8: Layout Guidance of Matched Differential Pair • For minimal crosstalk, inter-pair spacing between two differential micro-strip pairs should be at least 20 mils or 4 times the dielec- tric thickness of the PCB. • Wider trace width of each differential pair is recommended in order to minimize the loss, especially for long routing. More consis- tent PCB impedance can be achieved by a PCB vendor if trace is wider. • Differential signals should be routed away from noise sources and other switching signals on the printed circuit board. |