| データシートサーチシステム |
|
PI3DPX1202A データシート(PDF) 22 Page - Diodes Incorporated |
|
|
|||||||||||||||||||||||||||||
PI3DPX1202A データシート(HTML) 22 Page - Diodes Incorporated |
|
22 / 51 page ![]() A product Line of Diodes Incorporated 22 of 51 www.diodes.com February 2020 © Diodes Incorporated PI3DPX1202A Document number: DS40115 Rev 3-3 PI3DPX1202A AUX Read and Sink issue ACK reply: Ready to reply to Read request with data following. DisplayPort receiver may assert a STOP condition before transmit- ting the total number of requested data bytes when not all the bytes are available. From Source Sync Start bit 4-bit cmd 1001 20-bit address 8-bit length Stop From sink ACK Sync Start bit 00000000 Data Stop AUX Read and Sink issue NACK reply: A Sink Device receiving a Native AUX CH read request for an unsupported DPCD address must reply with an AUX ACK and read data set equal to zero instead of replying with AUX NACK. From Source Sync Start bit 4-bit cmd 1001 20-bit address 8-bit length Stop From Sink NACK Sync Start bit 00001000 data = 0 Stop |