| データシートサーチシステム |
|
PI3DPX1202A データシート(PDF) 16 Page - Diodes Incorporated |
|
|
|||||||||||||||||||||||||||||
PI3DPX1202A データシート(HTML) 16 Page - Diodes Incorporated |
|
16 / 51 page ![]() A product Line of Diodes Incorporated 16 of 51 www.diodes.com February 2020 © Diodes Incorporated PI3DPX1202A Document number: DS40115 Rev 3-3 PI3DPX1202A Intelligent Power Management The device intelligent signal detection scheme allows portions, or all of the IC, to be disabled for power savings. In DP mode, if only one or two lanes are active, the other lanes will be automatically powered off. If there is no input video signal the entire IC will be powered down. If there is no monitor detected, it can also automatically power down the IC. The power-down mode can also be entered using hard pin ENABLE, or through DPCD register (AUX link training). Table 4-1: DP Channel Power down State State POR State POR Description External Pins Internal Signal 3.3-1.2V active channel regula- tor(1) Active channel HPD CAD _SNK DPCD CS decode ST_POR Power On Reset X X 0 Powered down Powered down ST_LPM1 Low Power Mode 1 X X 0 Powered down Powered down ST_LPM2 Low Power Mode 2 X X 0 Powered down Powered down ST_ACT Active Mode 1 0 1 Active Active ST_ACT Active Mode 1 0 0 Powered down Powered down ST_WAIT Active Wait 1 0 1 Active Active ST_WAIT Active Wait 1 0 0 Powered down Powered down ST_POR Power On Reset X 1 X Powered down Powered down ST_LPM1 Low Power Mode 1 X 1 X Powered down Powered down ST_LPM2 Low Power Mode 2 X 1 X Powered down Powered down ST_ACT Active Mode 1 1 1 Active * Note (1) ST_WAIT Active Wait 1 1 1 Active * Note (1) Note: (1) Inactive channel are always powered down. |