| データシートサーチシステム |
|
ADA4254ARUZ-R7 データシート(PDF) 43 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADA4254ARUZ-R7 データシート(HTML) 43 Page - Analog Devices |
|
43 / 59 page ![]() Data Sheet ADA4254 Rev. B | Page 43 of 59 SOFTWARE RESET REGISTER (RESET) DETAILS Table 13. Reset Register Details (Register 0x01) Bit Name Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 Reserved RST Access Reserved W Reset Reserved 0 Bit 0, RST—Soft Reset A soft reset can be initiated by setting the RST bit to 1. A soft reset clears all internal registers and sets them to their default values. The RST bit is self-clearing. This bit performs the same operation as a power-on reset and start-up calibration occurs. |