データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

HV9961 データシート(PDF) 4 Page - Microchip Technology

部品番号 HV9961
部品情報  LED Driver with Average-Current Mode Constant-Current Control
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HV9961 データシート(HTML) 4 Page - Microchip Technology

  HV9961 Datasheet HTML 1Page - Microchip Technology HV9961 Datasheet HTML 2Page - Microchip Technology HV9961 Datasheet HTML 3Page - Microchip Technology HV9961 Datasheet HTML 4Page - Microchip Technology HV9961 Datasheet HTML 5Page - Microchip Technology HV9961 Datasheet HTML 6Page - Microchip Technology HV9961 Datasheet HTML 7Page - Microchip Technology HV9961 Datasheet HTML 8Page - Microchip Technology HV9961 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
HV9961
DS20005588B-page 4
 2017-2022 Microchip Technology Inc. and its subsidiaries
LD Input Shutdown Threshold
Voltage
VLD(OFF)
150
mV
VLD falling
LD Input Enable Threshold Voltage
VLD(EN)
200
mV
VLD rising
Current Sense Blanking Interval
TBLANK
150
340
ns
(Note 2)
Minimum On-time
TON(MIN)
1000
ns
VCS = VCST + 30 mV
Maximum Steady-state Duty Cycle
DMAX
75
%
Reduction in output LED
current may occur beyond
this duty cycle
SHORT-CIRCUIT PROTECTION
Hiccup Threshold Voltage
VCSH
410
440
470
mV
Current Limit Delay CS-to-Gate
TDELAY
185
ns
VCS = VCSH + 30 mV
Short-circuit Hiccup Time
THICCUP
350
400
550
μs
Minimum On-time (Short-circuit)
TON(MIN),SC
430
ns
VCS = VDD
TOFF TIMER
Off-time
TOFF
32
40
48
μs
RT = 1 MΩ
810
12
RT = 226 kΩ
GATE DRIVER
Gate Sourcing Current
ISOURCE
0.165
A
VGATE = 0V, VDD = 7.5V
Gate Sinking Current
ISINK
0.165
A
VGATE = VDD, VDD = 7.5V
Gate Output Rise Time
tr
—30
50
ns
CGATE = 500 pF, VDD = 7.5V
Gate Output Fall Time
tf
—30
50
ns
CGATE = 500 pF, VDD = 7.5V
ELECTRICAL CHARACTERISTICS (CONTINUED)
Electrical Specifications: TA = 25°C, VIN = 12V, VLD = VDD, and VPWMD = VDD unless otherwise specified.
Parameter
Sym.
Min.
Typ.
Max.
Unit
Conditions
Note 1: Also limited by package power dissipation limit, whichever is lower
2: Denotes specifications which apply over the full operating ambient temperature range of
–40°C < TA < +125°C
3: Specification is obtained by characterization and is not 100% tested.
TEMPERATURE SPECIFICATIONS
Parameter
Sym.
Min.
Typ.
Max.
Unit
Conditions
TEMPERATURE RANGES
Operating Ambient Temperature
TA
–40
+125
°C
Junction Temperature
TJ
–40
+150
°C
Storage Temperature
TS
–65
+150
°C
PACKAGE THERMAL RESISTANCE
8-lead SOIC
JA
—101
°C/W
16-lead SOIC
JA
—83—
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com