データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

HV9961 データシート(PDF) 7 Page - Microchip Technology

部品番号 HV9961
部品情報  LED Driver with Average-Current Mode Constant-Current Control
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HV9961 データシート(HTML) 7 Page - Microchip Technology

Back Button HV9961 Datasheet HTML 3Page - Microchip Technology HV9961 Datasheet HTML 4Page - Microchip Technology HV9961 Datasheet HTML 5Page - Microchip Technology HV9961 Datasheet HTML 6Page - Microchip Technology HV9961 Datasheet HTML 7Page - Microchip Technology HV9961 Datasheet HTML 8Page - Microchip Technology HV9961 Datasheet HTML 9Page - Microchip Technology HV9961 Datasheet HTML 10Page - Microchip Technology HV9961 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
 2017-2022 Microchip Technology Inc. and its subsidiaries
DS20005588B-page 7
HV9961
FIGURE 3-1:
Typical Output
Characteristic of an HV9961 LED Driver.
The short-circuit protection comparator trips when the
voltage at CS exceeds 0.44V. When this occurs, the
short-circuit gate off-time THICCUP = 400 µs is
generated to prevent the staircasing of the inductor
current and, potentially, its saturation due to insufficient
output voltage. The typical short-circuit inductor current
is shown in the waveform of Figure 3-2.
FIGURE 3-2:
Short-circuit Inductor
Current.
A leading-edge blanking delay is provided at CS to
prevent false triggering of the current feedback and the
short-circuit protection.
3.4
Linear Dimming
When the voltage at LD falls below 1.5V, the internal
275 mV reference to the constant-current feedback
becomes overridden by VLD x 0.185. As long as the
current in the inductor remains continuous, the LED
current is given by Equation 3-3. However, when VLD
falls below 150 mV, the gate output becomes disabled.
The gate signal recovers when VLD exceeds 200 mV. It
is required in some applications to use the same
brightness control signal input to shut off the lamp. The
typical linear dimming response is shown in Figure 3-3.
FIGURE 3-3:
Typical Linear Dimming
Response of an HV9961 LED Driver.
The linear dimming input could also be used for
“mixed-mode” dimming to expand the dimming ratio. In
such case, a pulse-width modulated signal with an
amplitude below 1.5V should be applied to LD.
3.5
Input Voltage Regulator
The HV9961 can be powered directly from an
8 VDC–450 VDC supply through its VIN input. When this
voltage is applied at the VIN pin, the HV9961 maintains
a constant 7.5V level at VDD. This voltage can be used
to power the IC and external circuitry connected to VDD
within the rated maximum current or within the thermal
ratings of the package, whichever limit is lower. The
VDD pin must be bypassed by a low ESR capacitor to
provide a low-impedance path for the high-frequency
current of the gate output. The HV9961 can also be
powered through the VDD pin directly with a voltage
greater than the internally regulated 7.5V, but less than
12V.
Despite the instantaneous voltage rating of 450V,
continuous voltage at VIN is limited by the power
dissipation in the package. For example, when HV9961
draws IIN = 2.5 mA from the VIN input, and the 8-pin
SOIC package is used, the maximum continuous
voltage at VIN is limited to the value shown in
Equation 3-5.
EQUATION 3-5:
V
IN = 170VDC
HV9961
HV9910B
0
10
2030405060
0.60
0.55
0.50
0.45
0.40
0.35
0.30
0.25
Output Voltage (V)
400µs
0.44V/R
CS
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
0.40
0.35
0.30
0.25
0.20
0.15
0.10
0.05
0
LD (V)
LD Response Characteristics
VIN MAX

TJMAX

TA
RJA
IIN
--------------------------------
=
396V
=
Where:
Ambient temperature: TA = 25°C
Maximum working junction temperature: TJ(MAX) = 125°C
Junction-to-ambient thermal resistance:
Rθ,JA = 101°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com