データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

HV9961 データシート(PDF) 6 Page - Microchip Technology

部品番号 HV9961
部品情報  LED Driver with Average-Current Mode Constant-Current Control
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HV9961 データシート(HTML) 6 Page - Microchip Technology

Back Button HV9961 Datasheet HTML 2Page - Microchip Technology HV9961 Datasheet HTML 3Page - Microchip Technology HV9961 Datasheet HTML 4Page - Microchip Technology HV9961 Datasheet HTML 5Page - Microchip Technology HV9961 Datasheet HTML 6Page - Microchip Technology HV9961 Datasheet HTML 7Page - Microchip Technology HV9961 Datasheet HTML 8Page - Microchip Technology HV9961 Datasheet HTML 9Page - Microchip Technology HV9961 Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
HV9961
DS20005588B-page 6
 2017-2022 Microchip Technology Inc. and its subsidiaries
3.0
APPLICATION INFORMATION
3.1
General Description
Peak current control (as in HV9910B) is the simplest
and the most economical way to regulate a buck
converter's output current. However, it suffers accuracy
and
regulation
problems
that
arise
from
peak-to-average current error, contributed by the
current ripple in the output inductor and the
propagation delay in the current sense comparator.
The full inductor current signal is unavailable for direct
switch current sensing across the sense resistor at the
ground path in this low-side switch buck converter
when the control switch is at the ground potential
because the switch is turned off. While it is very simple
to detect the peak current in the switch, controlling the
average inductor current is usually implemented by
level translating the sense signal from +VIN. Although
this is practical for a relatively low-input voltage, VIN,
this type of average-current control may become
excessively complex and expensive in the offline AC or
other high-voltage DC applications.
The HV9961 uses a proprietary control scheme that
allows fast and accurate control of the average current
in the buck inductor by sensing the switch current only.
No compensation of the current control loop is
required. The output LED current’s response to PWMD
input is similar to that of the HV9910B. The effect of
inductor current ripple amplitude on this control
scheme is insignificant. Therefore, the LED current is
independent of the variation in inductance, switching
frequency or output voltage. Constant off-time control
of the buck converter is used for stability and improving
the LED current regulation over a wide range of input
voltages. Unlike HV9910B, the HV9961 does not
support Constant Frequency mode.
3.2
Off Timer
The timing resistor connected between RT and GND
determines the off-time of the gate driver. Wiring this
resistor between RT and Gate as with HV9910B is no
longer supported. Refer to Equation 3-1 for the
computation of the gate output’s off-time.
EQUATION 3-1:
3.3
Average-Current Control
Feedback and Output Short-circuit
Protection
The current through the switching Metal-oxide
Semiconductor Field-effect Transistor (MOSFET)
source is averaged and used to give constant-current
feedback. This current is detected with a sense resistor
at the CS pin. The feedback operates in a fast
Open-loop mode. No compensation is required. Output
current is programmed as seen in Equation 3-2.
EQUATION 3-2:
If the voltage at the LD input is less than 1.5V, the
output
current
is
computed
as
specified
in
Equation 3-3.
EQUATION 3-3:
The above equations are only valid for continuous
conduction of the output inductor. It is good design
practice to choose the inductance of the inductor such
that the peak-to-peak inductor current is 30% to 40% of
the average DC full-load current. Hence, the
recommended inductance can be calculated as shown
in Equation 3-4.
EQUATION 3-4:
The duty-cycle range of the current control feedback is
limited to D ≤ 0.75. A reduction in the LED current may
occur when the desired LED string voltage VO is
greater than 75% of the input voltage VIN of the
HV9961 LED driver.
Reducing the targeted output LED string voltage VO
below VO(MIN) = VIN x DMIN, where DMIN = 1 µs/(TOFF
+1 µs), may also result in the loss of regulation of the
LED current. This condition, however, causes an
increase in the LED current and can potentially trip the
short-circuit protection comparator.
The typical output characteristic of the HV9961 LED
driver is shown in Figure 3-1. The corresponding
HV9910B characteristic is given for the comparison.
TOFF s

RT k

25
-------------------0.3
+
=
within the range of 30 kΩ ≤ RT ≤ 1 MΩ
ILED
0.275V
RCS
-----------------
=
When the voltage at the LD input VLD ≥ 1.5V
ILED
VLD 0.185
RCS
------------------------------
=
When the voltage at the LD input 0.2V ≤ VLD < 1.5V
LO
VOMAX

TOFF
0.4 IO
-----------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com