データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

4612 データシート(PDF) 1 Page - Shenzhen Tuofeng Semiconductor Technology Co

部品番号 4612
部品情報  N and P-Channel Enhancement Mode Power MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TUOFENG [Shenzhen Tuofeng Semiconductor Technology Co]
ホームページ  http://www.sztuofeng.com/?lang=en
Logo TUOFENG - Shenzhen Tuofeng Semiconductor Technology Co

4612 データシート(HTML) 1 Page - Shenzhen Tuofeng Semiconductor Technology Co

  4612 Datasheet HTML 1Page - Shenzhen Tuofeng Semiconductor Technology Co 4612 Datasheet HTML 2Page - Shenzhen Tuofeng Semiconductor Technology Co 4612 Datasheet HTML 3Page - Shenzhen Tuofeng Semiconductor Technology Co 4612 Datasheet HTML 4Page - Shenzhen Tuofeng Semiconductor Technology Co 4612 Datasheet HTML 5Page - Shenzhen Tuofeng Semiconductor Technology Co 4612 Datasheet HTML 6Page - Shenzhen Tuofeng Semiconductor Technology Co 4612 Datasheet HTML 7Page - Shenzhen Tuofeng Semiconductor Technology Co 4612 Datasheet HTML 8Page - Shenzhen Tuofeng Semiconductor Technology Co  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Symbol
Max p-channel
Units
VDS
V
VGS
V
IDM
TJ, TSTG
°C
Symbol
Device
Typ
Max
Units
n-ch
48
62.5 °C/W
n-ch
74
110
°C/W
RθJL
n-ch
35
60
°C/W
p-ch
48
62.5 °C/W
p-ch
74
110
°C/W
RθJL
p-ch
35
40
°C/W
Maximum Junction-to-Lead
C
Steady-State
Maximum Junction-to-Ambient
A
t ≤ 10s
RθJA
Maximum Junction-to-Ambient
A
Steady-State
-20
Power Dissipation
TA=25°C
PD
Steady-State
Junction and Storage Temperature Range
A
Continuous Drain
Current
A
TA=25°C
ID
Pulsed Drain Current
B
W
4.5
20
2
-3.2
2
Absolute Maximum Ratings TA=25°C unless otherwise noted
Parameter
Max n-channel
60
-60
±20
Drain-Source Voltage
±20
Gate-Source Voltage
Thermal Characteristics: n-channel and p-channel
-55 to 150
-55 to 150
Maximum Junction-to-Lead
C
Steady-State
Parameter
Maximum Junction-to-Ambient
A
t ≤ 10s
RθJA
Maximum Junction-to-Ambient
A
N and P-Channel Enhancement Mode Power MOSFET
Description
The 4612 uses advanced trench technology to provide
excellent RDS(ON) and low gate charge . The complementary
MOSFETs may be used to form a level shifted high side
switch, and for a host of other applications.
General Features
● N-Channel
VDS = 60V,ID =4.5A
RDS(ON) < 55mΩ @ VGS=10V
● P-Channel
VDS = -30V,ID = -4.9A
RDS(ON) < 70mΩ @ VGS=-10V
●
High power and current handing capability
●
Lead free product is acquired
●
Surface mount package
RDS(ON) < 60mΩ @ VGS=4.5V
RDS(ON) < 90mΩ @ VGS=-4.5V
N-channel
P-channel
Equivalent Cir cuit
MARKING
4612
o
TFCYWP
Y :year code W :week code
SOP-8
Page
v1.0
1
SHENZHEN TUOFENG SEMICONDUCTOR TECHNOLOGY CO.,LTD
SOP-8 Plastic-Encapsulate MOSFETS
4612
www.sztuofeng.com


同様の部品番号 - 4612

メーカー部品番号データシート部品情報
logo
Festo Corporation.
4612 FESTO-4612 Datasheet
84Kb / 1P
Air solenoid valve
logo
List of Unclassifed Man...
4612 ETC-4612 Datasheet
44Kb / 1P
High Q, high self-resonant frequency
logo
Heyco.
4612 HEYCO-4612 Datasheet
469Kb / 1P
Heyco®-Tite Brass Liquid Tight Cordgrips
4612 HEYCO-4612 Datasheet
87Kb / 1P
Heyco®-Tite Brass Liquid Tight Cordgrips
logo
Bourns Electronic Solut...
4612-RC BOURNS-4612-RC Datasheet
108Kb / 1P
Varnished Chokes
More results

同様の説明 - 4612

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
AP2030M ETC-AP2030M Datasheet
112Kb / 11P
N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
Advanced Power Electron...
AP2530GY A-POWER-AP2530GY Datasheet
85Kb / 7P
N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
GTM CORPORATION
GSS4503 GTM-GSS4503 Datasheet
557Kb / 7P
N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GSS4565 GTM-GSS4565 Datasheet
559Kb / 7P
N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GT2530 GTM-GT2530 Datasheet
390Kb / 7P
N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
Advanced Power Electron...
AP4511GED A-POWER-AP4511GED Datasheet
120Kb / 7P
N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
AP4506GEM A-POWER-AP4506GEM Datasheet
123Kb / 7P
N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
AP4501GM A-POWER-AP4501GM Datasheet
212Kb / 8P
N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
AP4506GEH-HF A-POWER-AP4506GEH-HF Datasheet
116Kb / 7P
N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
E-Tech Electronics LTD
GT2531 ETL-GT2531 Datasheet
394Kb / 7P
N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com