| データシートサーチシステム |
|
VSC8540RT データシート(PDF) 57 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
VSC8540RT データシート(HTML) 57 Page - Microchip Technology |
|
57 / 87 page ![]() 2022 Microchip Technology Inc. and its subsidiaries DS60001603E-page 57 VSC8540RT 6.4.11 EXTENDED INTERRUPT MASK The following table shows the register settings for the extended interrupt mask at address 28E2. 11:8 Address repetition count in Magic packet R/W Sticky bit. Count value: 0000: 1 0001: 2 0010: 3 0011: 4 0100: 5 0101: 6 0110: 7 0111: 8 1000: 9 1001: 10 1010: 11 1011: 12 1100: 13 1101: 14 1110: 15 1111: 16 1111 7:5 Pad edge rate control R/W Sticky bit. MAC interface edge rate control. 000: Slowest edge rate 001: +1 pad edge rate 010: +2 pad edge rate 011: +3 pad edge rate 100: +4 pad edge rate 101: +5 pad edge rate 110: +6 pad edge rate 111: +7 pad edge rate (fastest) 111 4 RMII CLKOUT enable R/W Sticky bit. 0: RMII CLKOUT disabled. 1: RMII CLKOUT enabled. 1 3:1 Reserved RO Reserved. 0 MDINT CMOS drive R/W Sticky bit. 0: Disabled. 1: Enabled. 0 TABLE 6-46: EXTENDED INTERRUPT MASK, ADDRESS 28E2 (0X1C) Bit Name Access Description Default 15:14 Reserved RO Reserved. 13 Rx FIFO overflow/underflow interrupt mask R/W Sticky bit. 1: Enabled. 0 12 Tx FIFO overflow/underflow interrupt mask R/W Sticky bit. 1: Enabled. 0 11:4 Reserved RO Reserved. 3 EEE link fail interrupt mask R/W Sticky bit. 1: Enabled. 0 2 EEE Rx TQ timer interrupt mask R/W Sticky bit. 1: Enabled. 0 1 EEE wait quiet/Rx TS timer interrupt mask R/W Sticky bit. 1: Enabled. 0 0 EEE wake error interrupt mask R/W Sticky bit. 1: Enabled. 0 TABLE 6-45: WOL AND MAC INTERFACE CONTROL, ADDRESS 27E2 (0X1B) (CONTINUED) Bit Name Access Description Default |