| データシートサーチシステム |
|
VSC8540RT データシート(PDF) 83 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
VSC8540RT データシート(HTML) 83 Page - Microchip Technology |
|
83 / 87 page ![]() 2022 Microchip Technology Inc. and its subsidiaries DS60001603E-page 83 VSC8540RT APPENDIX A: REVISION HISTORY The revision history describes the changes that were implemented in the document. The changes are listed by revision, starting with the oldest publication. A.1 Rev. E - 0 5/2022 In the revision E of the document, updated Figure 3-1. A.2 Rev. D - 09/2021 The following is a summary of changes in revision D of this document. • Updated the PIN DIAGRAM image. For more information, see Figure 3-1. • Updated the table under the section Pins by Function. For more information, see Table 3-2. • Updated the ORDERING INFORMATION table. For more information, see Table 4-1. • Added a section in the DESIGN CONSIDERATIONS chapter. For more information, see Section 7.5, "Half-duplex operation in RGMII MAC interface mode". • Updated the ABSOLUTE MAXIMUM RATINGS table. For more information, see Table 8-1. A.3 Rev. C - 10/2020 The following is a summary of changes in revision C of this document. • Updated the Mode 2 section with external clock frequency values. For more information, see Section 5.2.3.2.2, "Mode 2". • Updated the note under the ABSOLUTE MAXIMUM RATINGS table. For more information, see Table 8-1. • Updated the VOLTAGE MODE LINE DRIVER section with updated figures. For more information, see Section 5.4.1, "Voltage Mode Line Driver". • Updated the THERMAL SPECIFICATIONS section. For more information, see Section 9.1.2, "Thermal Specifica- tions". • Updated the THERMAL SPECIFICATIONS section. For more information, see Section 9.2.2, "Thermal Specifica- tions". A.4 Rev. B - 08/2020 The following is a summary of changes in revision B of this document. • Updated the operating temperature range and CDM. For more information, see “Features”. • Updated the introduction paragraph in the Hardware Mode Strapping and PHY Addressing section. For more information, see Section 5.3, "Hardware Mode Strapping and PHY Addressing". • Updated the VOLTAGE MODE LINE DRIVER section with updated figures. For more information, see Section 5.4.1, "Voltage Mode Line Driver". • Updated the ABSOLUTE MAXIMUM RATINGS table. For more information, see Table 8-1. • Updated the CURRENT CONSUMPTION and CURRENT CONSUMPTION (VDDMAC) tables. For more informa- tion, see Table 8-12. • Updated the THERMAL SPECIFICATIONS section. For more information, see Section 9.1.2, "Thermal Specifica- tions". • Updated the THERMAL SPECIFICATIONS section. For more information, see Section 9.2.2, "Thermal Specifica- tions". A.5 Rev. A - 11/2019 Revision Rev A was published in November 2019. It was the first publication of this document. |