| データシートサーチシステム |
|
8V97052 データシート(PDF) 43 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
8V97052 データシート(HTML) 43 Page - Renesas Technology Corp |
|
43 / 48 page ![]() R31DS0022EU0110 Rev.1.1 Page 43 May 20, 2021 8V97052 Datasheet The Rz, Cz and Cp can be calculated as 2nd order loop filter. The following equation help determine the 3rd order loop filter Rp2 and Cp2. Pick an Rp2 value. Rp2 ~ 1.5xRz is suggested. Where, is ratio between the 1st pole frequency and the 2nd pole frequency. >4 is recommended. 8.4 Recommendations for Unused Input and Output Pins 8.4.1 Inputs 8.4.1.1 LVCMOS Control Pins All control pins have internal pull-up and pull-down resistors; additional resistance is not required but can be added for additional protection. A 1k resistor can be used. 8.4.2 Outputs 8.4.2.1 Output Pins For any unused output, it can be left floating and disabled. 8.5 Case Temperature Considerations This device supports applications in a natural convection environment which does not have any thermal conductivity through ambient air. The Printed Circuit Board (PCB) is typically in a sealed enclosure without any natural or forced air flow and is kept at or below a specific temperature. The device package design incorporates an exposed pad (ePad) with enhanced thermal parameters which is soldered to the PCB where most of the heat escapes from the bottom exposed pad. For this type of application, it is recommended to use the junction-to-board thermal characterization parameter JB (Psi-JB) to calculate the junction temperature (TJ) and ensure it does not exceed the maximum allowed junction temperature in the Absolute Maximum Rating table. The junction-to-board thermal characterization parameter, JB, is calculated using the following equation: TJ = TCB JB Pd, Where ▪ TJ = Junction temperature at steady state condition in (oC). ▪ TCB = Case temperature (Bottom) at steady state condition in (oC). ▪ JB = Thermal characterization parameter to report the difference between junction temperature and the temperature of the board measured at the top surface of the board. ▪ Pd = power dissipation (W) in desired operating configuration. The ePad provides a low thermal resistance path for heat transfer to the PCB and represents the key pathway to transfer heat away from the IC to the PCB. It’s critical that the connection of the exposed pad to the PCB is properly constructed to maintain the desired IC case temperature (TCB). A good connection ensures that temperature at the exposed pad (TCB) and the board temperature (TB) are relatively the same. An improper |
|
リンク URL |
| ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | データシートへのリンク | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |