データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

8V97052 データシート(PDF) 1 Page - Renesas Technology Corp

部品番号 8V97052
部品情報  High Resolution Wideband RF Synthesizer / PLL
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  RENESAS [Renesas Technology Corp]
ホームページ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

8V97052 データシート(HTML) 1 Page - Renesas Technology Corp

  8V97052 Datasheet HTML 1Page - Renesas Technology Corp 8V97052 Datasheet HTML 2Page - Renesas Technology Corp 8V97052 Datasheet HTML 3Page - Renesas Technology Corp 8V97052 Datasheet HTML 4Page - Renesas Technology Corp 8V97052 Datasheet HTML 5Page - Renesas Technology Corp 8V97052 Datasheet HTML 6Page - Renesas Technology Corp 8V97052 Datasheet HTML 7Page - Renesas Technology Corp 8V97052 Datasheet HTML 8Page - Renesas Technology Corp 8V97052 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 48 page
background image
Datasheet
R31DS0022EU0110 Rev.1.1
Page 1
May 20, 2021
© 2021 Renesas Electronics
The 8V97052 is a high-performance wide-band RF
synthesizer / PLL that offers a high resolution of 32-bit
fractional and modulus. It is ideal for use in
instrumentation, test equipment, satellite equipment,
or applications that require very fine adjustments of
the output frequency. It is also optimal for use as a
traditional Local Oscillator (LO) in Multi-Carrier, Multi-
mode FDD, and TDD Base Station radio card.
The 8V97052 offers an integrated Voltage Controlled
Oscillator (VCO) and output divider that supports a
continuous output frequency range of 34.375MHz to
4400MHz. This large frequency tuning range can
provide multi-band local oscillator (LO) frequency
synthesis, thus, limiting the use of multiple narrow
band RF synthesizers and reducing the BOM
complexity and cost. The RF_OUT output driver has
an independently programmable output power
ranging from -4dBm to +11.5dBm. The RF_OUT
output can be muted via a SPI command or mute pin.
Integrated low noise Low Dropout Regulators (LDOs)
are used for superior power supply noise immunity.
The operation of the 8V97052 is controlled by writing
to registers through a 3-wire SPI interface. The device
also has an option that allows users to read back
values from registers by configuring the MUX_OUT
pin as a SDO for the SPI interface. The SPI interface
is compatible with 1.8V logic and tolerant to 3.3V.
The device also includes features such as fast lock,
programmable charge pump current, electable DSM
types and orders, output mute, lock detection,
MUX_OUT, and phase adjust that can help with
specific system requirements, optimization, or power
savings. In RF applications, very low noise oscillators
are required to generate a large variety of frequencies
to the mixers while maintaining excellent phase noise
performance and low power.
Applications
▪ Wireless infrastructure
▪ Instrumentation equipment
▪ Test equipment
▪ CATV equipment
▪ Military and aerospace
▪ Wireless LAN
▪ Clock generation
Features
▪ Supports on-chip VCO or external VCO
▪ Single differential output with frequency range:
34.375MHz to 4400MHz
(continuous range)
▪ RF output divide by 1, 2, 4, 8, 16, 32, 64
▪ Open drain output (see Output Distribution Section)
▪ Fractional-N synthesizer (also supports Integer-N
mode)
▪ 16-bit integer and 32-bit fractional/32-bit modulus
▪ 3- or 4-wire SPI interface (compatible with 3.3V and
1.8V)
▪ Single 3.3V supply
▪ Programmable output power level: -4dBm to
11.5dBm
▪ Mute function
▪ Ultra low phase noise for 2GHz LO: -133dBc/Hz at
1MHz offset, (typical)
▪ Normalized phase noise floor: -228dBc/Hz
▪ Lock detect Indicators
▪ Input reference frequency: 5MHz to 310MHz
▪ Power consumption: 380mW (typical)
▪ 5 × 5 mm, 32-VFQFPN package
▪ Automatic VCO band selection (Autocal feature)
▪ -40°C to +85°C ambient operating temperature
▪ Supports case temperature
105°C operations
▪ Lead-free (RoHS 6) packaging
Simplified Block Diagram
16/32 bit
Frac-N
Divider
SCLK
SDI
SDO
CSB
Logic & Registers
RF_OUTA
÷M0
nRF_OUTA
REF_IN
CE
CP_OUT
VTUNE
External
Loop
Filter
PFD
Charge
Pump
8V97052
SPI
RF_IN
nRF_IN
8V97052
High Resolution Wideband RF Synthesizer / PLL


同様の部品番号 - 8V97052

メーカー部品番号データシート部品情報
logo
Renesas Technology Corp
8V97052 RENESAS-8V97052 Datasheet
1Mb / 47P
High Resolution Wideband RF Synthesizer / PLL
Feb 6, 2023
8V97052 RENESAS-8V97052 Datasheet
1Mb / 47P
High Resolution Wideband RF Synthesizer / PLL
Feb 6, 2023
8V97052NLGI RENESAS-8V97052NLGI Datasheet
1Mb / 47P
High Resolution Wideband RF Synthesizer / PLL
Feb 6, 2023
8V97052NLGI RENESAS-8V97052NLGI Datasheet
1Mb / 47P
High Resolution Wideband RF Synthesizer / PLL
Feb 6, 2023
8V97052NLGI8 RENESAS-8V97052NLGI8 Datasheet
1Mb / 47P
High Resolution Wideband RF Synthesizer / PLL
Feb 6, 2023
More results

同様の説明 - 8V97052

メーカー部品番号データシート部品情報
logo
Integrated Device Techn...
8V97051 IDT-8V97051_16 Datasheet
987Kb / 56P
Low Power Wideband Fractional RF Synthesizer / PLL
8V97053 IDT-8V97053 Datasheet
1Mb / 58P
Low Power Wideband Fractional RF Synthesizer / PLL
8V97053L IDT-8V97053L Datasheet
1Mb / 68P
Low Power Wideband Fractional RF Synthesizer / PLL
8V97051 IDT-8V97051_17 Datasheet
987Kb / 55P
Low Power Wideband Fractional RF Synthesizer / PLL
8V97051L IDT-8V97051L Datasheet
1,010Kb / 57P
Low Power Wideband Fractional RF Synthesizer / PLL
logo
Renesas Technology Corp
8V97051A RENESAS-8V97051A Datasheet
1Mb / 58P
Low Power Wideband Fractional RF Synthesizer / PLL
8V97051L RENESAS-8V97051L Datasheet
1Mb / 57P
Low Power Wideband Fractional RF Synthesizer / PLL
8V97053L RENESAS-8V97053L Datasheet
1Mb / 67P
Low Power Wideband Fractional RF Synthesizer / PLL?
8V97051 RENESAS-8V97051 Datasheet
1Mb / 55P
Low Power Wideband Fractional RF Synthesizer / PLL
February 3, 2023
8V97053 RENESAS-8V97053 Datasheet
2Mb / 57P
Low Power Wideband Fractional RF Synthesizer / PLL
February 2, 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com