| データシートサーチシステム |
|
BAV20WS-TP データシート(PDF) 15 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
BAV20WS-TP データシート(HTML) 15 Page - Infineon Technologies AG |
|
15 / 47 page ![]() User Manual 15 of 47 Revision 1.4 2020-07-16 EVAL-M3-IM564 User Manual iMOTION™ Modular Application Design Kit Getting started with EVAL-M3-IM564 3.2 iMOTION™ development tools and software The iMOTION™development tool installers for MCEDesigner and MCEWizard are available for download via Infineon iMOTIONTMwebsite (http://www.infineon.com/imotion-software). All the available tools and software variants are listed there. The on-board debugger uses the SEGGER J-Link’s driver for UART communication with IMC102T-F064. The J- Link driver will be installed during the MCEDesigner installation. In case the driver is not installed properly, please go to SEGGER J-Link website to download and install the latest J-Link “Software and Documentation pack for Windows.” 3.2.1 MCEWizard setup overview After installing the MCEWizard, the shortcut for MCEWizard appears on the Windows desktop. Double-click the shortcut to open the MCEWizard, and configure the parameters for evaluation boards and motor. Figure 5 shows the “Welcome Page” for MCEWizard, where the MADK control board or power board can be selected via the pull-down list. Infineon continues to release new MADK controller and power boards. Therefore, it could happen that some of the newest power boards are not pre-configured in the MCEWizard tool, and cannot be selected via the pull-down menu. In that case, the user should select another power board (as similar as possible) and follow the MCEWizard setup steps by entering the parameter values which are specific to the chosen board. Make sure both “I have modified the circuit board” and “Enable advanced question” checkmarks are selected (or check “Customized Design for Expert User”). Please refer to the user manual of the corresponding power board for additional information. After selecting the MADK control and power board, start the MCEWizard system setup procedure by clicking the “Next” button in the right bottom corner as shown in Figure 5. Figure 5 Welcome page of MCEWizard iMOTION™ MADK system enables users to easily test different combinations of control and power boards with their motors. Users should be familiar with the system level parameters which are related to the motor used. |