| データシートサーチシステム |
|
BAV20WS-TP データシート(PDF) 18 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
BAV20WS-TP データシート(HTML) 18 Page - Infineon Technologies AG |
|
18 / 47 page ![]() User Manual 18 of 47 Revision 1.4 2020-07-16 EVAL-M3-IM564 User Manual iMOTION™ Modular Application Design Kit Getting started with EVAL-M3-IM564 3.2.2 MCEDesigner setup overview After installing MCEDesigner installer, there is a shortcut for MCEDesigner on the Windows desktop. Double- click the shortcut to open MCEDesigner, and then open “IMC102T_xx.irc” file, and resize the windows for better display, as shown in Figure 7. Figure 7 MCEDesigner’s main display for IMC102T To program system-drive parameters into IMC102T-F064, please click the “Tools” menu and select “Programmer” in the pull-down list. The pop-up window “Program IMC controller” will show up as in Figure 8. Click on the “Program Parameters” radio button (this is the default option), and then select the Drive System Parameter file created using MCEWizard by clicking on “Browse.” Finally, click on the “Start” button to program the parameter file into the IMC102T-F064 IC. Figure 8 “Program IMC controller” pop-up window |