データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BAV20WS-TP データシート(PDF) 19 Page - Infineon Technologies AG

部品番号 BAV20WS-TP
部品情報  iMOTION™ Modular Application Design Kit
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INFINEON [Infineon Technologies AG]
ホームページ  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BAV20WS-TP データシート(HTML) 19 Page - Infineon Technologies AG

Back Button BAV20WS-TP Datasheet HTML 15Page - Infineon Technologies AG BAV20WS-TP Datasheet HTML 16Page - Infineon Technologies AG BAV20WS-TP Datasheet HTML 17Page - Infineon Technologies AG BAV20WS-TP Datasheet HTML 18Page - Infineon Technologies AG BAV20WS-TP Datasheet HTML 19Page - Infineon Technologies AG BAV20WS-TP Datasheet HTML 20Page - Infineon Technologies AG BAV20WS-TP Datasheet HTML 21Page - Infineon Technologies AG BAV20WS-TP Datasheet HTML 22Page - Infineon Technologies AG BAV20WS-TP Datasheet HTML 23Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 47 page
background image
User Manual
19 of 47
Revision 1.4
2020-07-16
EVAL-M3-IM564 User Manual
iMOTION™ Modular Application Design Kit
Getting started with EVAL-M3-IM564
After the drive system parameter file has been programmed into the IMC102 controller, and the motor drive
system is powered, the MCEDesigner can be used to start/stop the motor, display motor current traces, change
the motor speeds, modify drive parameters and carry out many other functions. Please refer to the
MCEDesigner documentation for more details.
Note:
On-board debugger portion of EVAL-M3-102T is galvanically isolated from the controller portion
and the attached power board. In order to program the parameters or firmware to the IMC102T-
F064 controller, the 3.3 V DC voltage needs to be supplied to the controller portion of the EVAL-M3-
102T. This voltage can either be supplied by the power board (MADK power boards are designed to
supply the 3.3 V to the control board through M3 connector) or by feeding the 3.3 V DC voltage to
the control board through some of the available 3.3 V access/test points if the power board is not
attached to the EVAL-M3-102T control board.
To program new firmware and drive system parameters into IMC102T-F064, please click “Tools” menu and
select “Programmer” in the pull-down list. The pop-up window “Program IMC controller” will show up as in
Figure 9. Click on the “Program Firmware and Parameter” radio button, and select the Drive System Parameter
file created using MCEWizard by clicking on the “Browse” button on the row of “Program Parameter File,” and
then select the firmware file by clicking on the “Browse” button on the row of “Program Firmware File.” Finally,
click on the “Start” button to program the parameter file into the IMC102T-F064 IC.
Figure 9
Program firmware and parameter in “Program IMC Controller” pop-up window
All the latest firmware files for different types of iMOTIONTM control ICs are available for download via the
Infineon iMOTIONTMwebsite (http://www.infineon.com/imotion-software).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47