データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STM32L4 データシート(PDF) 15 Page - STMicroelectronics

部品番号 STM32L4
部品情報  This module presentation presents the key differences between the STM32L4 and the STM32L476/L486 devices.
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L4 データシート(HTML) 15 Page - STMicroelectronics

Back Button STM32L4 Datasheet HTML 11Page - STMicroelectronics STM32L4 Datasheet HTML 12Page - STMicroelectronics STM32L4 Datasheet HTML 13Page - STMicroelectronics STM32L4 Datasheet HTML 14Page - STMicroelectronics STM32L4 Datasheet HTML 15Page - STMicroelectronics STM32L4 Datasheet HTML 16Page - STMicroelectronics STM32L4 Datasheet HTML 17Page - STMicroelectronics STM32L4 Datasheet HTML 18Page - STMicroelectronics STM32L4 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 33 page
background image
NVIC Interrupt Vectors
Position
STM32L4Rxxx/4Sxxx
STM32L4P5xx/4Q5xx
STM32L476xx/486xx
18
ADC1
ADC1_2
ADC1_2
41
RTC_ALARM
RTC_ALARM_SSRU
RTC_ALARM
42
DFSDM1_FLT3
Reserved
DFSDM1_FLT3
47
Reserved
SDMMC2
ADC3
63
DFSDM1_FLT2
Reserved
DFSDM1_FLT2
71
OCTOSPI1
QUADSPI
76
OCTOSPI2
SWPMI
78
DSIHOST
Reserved
LCD
82
HASH and CRS
Reserved
83
I2C4_EV
Reserved
84
I2C4_ER
Reserved
85
DCMI
DCMI_PSSI
Reserved
90
DMA2D
Reserved
91
LCD-TFT
Reserved
92
LCD-TFT_ER
Reserved
93
GFXMMU
Reserved
Reserved
94
DMAMUX1_OVR
Reserved
14
This slide presents the interrupt vector differences between
STM32L4Rxxx/4Sxxx, STM32L4P5xx/4Q5xx and
STM32L476xx/486xx devices.
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33