データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STM32L4 データシート(PDF) 19 Page - STMicroelectronics

部品番号 STM32L4
部品情報  This module presentation presents the key differences between the STM32L4 and the STM32L476/L486 devices.
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L4 データシート(HTML) 19 Page - STMicroelectronics

Back Button STM32L4 Datasheet HTML 15Page - STMicroelectronics STM32L4 Datasheet HTML 16Page - STMicroelectronics STM32L4 Datasheet HTML 17Page - STMicroelectronics STM32L4 Datasheet HTML 18Page - STMicroelectronics STM32L4 Datasheet HTML 19Page - STMicroelectronics STM32L4 Datasheet HTML 20Page - STMicroelectronics STM32L4 Datasheet HTML 21Page - STMicroelectronics STM32L4 Datasheet HTML 22Page - STMicroelectronics STM32L4 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 33 page
background image
Option Bytes New Features 18
STM32L4+
STM32L476xx/486xx
Option bytes
nBOOT0
NA
nSWBOOT0
NA
DBANK ( Dual bank mode)
NA
DB1M
(1MB/512KB dual-Bank)
DUALBANK
(256/128 Dual-Bank)
PCROP1_STRT[16:0]
PCROP2_STRT[16:0]
PCROP1_STRT[15:0]
PCROP2_STRT[15:0]
PCROP1_END[16:0]
PCROP2_END[16:0]
PCROP1_END[15:0]
PCROP2_END[15:0]
This slide presents the differences regarding the option
bytes between STM32L4+ and STM32L476xx/486xx
devices.
18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33