データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STM32L4 データシート(PDF) 25 Page - STMicroelectronics

部品番号 STM32L4
部品情報  This module presentation presents the key differences between the STM32L4 and the STM32L476/L486 devices.
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L4 データシート(HTML) 25 Page - STMicroelectronics

Back Button STM32L4 Datasheet HTML 21Page - STMicroelectronics STM32L4 Datasheet HTML 22Page - STMicroelectronics STM32L4 Datasheet HTML 23Page - STMicroelectronics STM32L4 Datasheet HTML 24Page - STMicroelectronics STM32L4 Datasheet HTML 25Page - STMicroelectronics STM32L4 Datasheet HTML 26Page - STMicroelectronics STM32L4 Datasheet HTML 27Page - STMicroelectronics STM32L4 Datasheet HTML 28Page - STMicroelectronics STM32L4 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 33 page
background image
ULP Bench Score Differences
The ULP Bench score is also impacted by the difference in consumption:
24
L49x/4Ax
L47x/48x
L45x/46x
L43x/44x
L4Rxx/L4Sxx
L4P5xx/L4Q5xx
ULP Bench score
145
153
174.5
176.7
233
285
The ULP Bench score on STM32L4+ series devices is
higher compared to the one on STM32L4 series devices.
24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33