データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PIC16F87 データシート(PDF) 33 Page - Microchip Technology

部品番号 PIC16F87
部品情報  18/20/28-Pin Enhanced FLASH Microcontrollers with nanoWatt Technology
PDF  214 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F87 データシート(HTML) 33 Page - Microchip Technology

Back Button PIC16F87 Datasheet HTML 29Page - Microchip Technology PIC16F87 Datasheet HTML 30Page - Microchip Technology PIC16F87 Datasheet HTML 31Page - Microchip Technology PIC16F87 Datasheet HTML 32Page - Microchip Technology PIC16F87 Datasheet HTML 33Page - Microchip Technology PIC16F87 Datasheet HTML 34Page - Microchip Technology PIC16F87 Datasheet HTML 35Page - Microchip Technology PIC16F87 Datasheet HTML 36Page - Microchip Technology PIC16F87 Datasheet HTML 37Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 214 page
background image
 2003 Microchip Technology Inc.
Preliminary
DS30487B-page 31
PIC16F87/88
EXAMPLE 3-4:
ERASING A FLASH PROGRAM MEMORY ROW
BANKSEL EEADRH
; Select Bank of EEADRH
MOVF
ADDRH, W
;
MOVWF
EEADRH
; MS Byte of Program Address to Erase
MOVF
ADDRL, W
;
MOVWF
EEADR
; LS Byte of Program Address to Erase
ERASE_ROW
BANKSEL EECON1
; Select Bank of EECON1
BSF
EECON1, EEPGD
; Point to PROGRAM memory
BSF
EECON1, WREN
; Enable Write to memory
BSF
EECON1, FREE
; Enable Row Erase operation
;
BCF
INTCON, GIE
; Disable interrupts (if using)
MOVLW
55h
;
MOVWF
EECON2
; Write 55h
MOVLW
AAh
;
MOVWF
EECON2
; Write AAh
BSF
EECON1, WR
; Start Erase (CPU stall)
NOP
; Any instructions here are ignored as processor
; halts to begin Erase sequence
NOP
; processor will stop here and wait for Erase complete
; after Erase processor continues with 3rd instruction
BCF
EECON1, WREN
; Disable writes
BSF
INTCON, GIE
; Enable interrupts (if using)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More