| データシートサーチシステム |
|
PIC16F87 データシート(PDF) 63 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F87 データシート(HTML) 63 Page - Microchip Technology |
|
63 / 214 page ![]() 2003 Microchip Technology Inc. Preliminary DS30487B-page 61 PIC16F87/88 FIGURE 5-10: BLOCK DIAGRAM OF RB2 PIN DT SDO Data Latch RBPU(2) P VDD Q D CK Q D CK Q D EN Data Bus WR PORTB WR TRISB RD TRISB RD PORTB Weak Pull-up RD PORTB RX/DT I/O pin(1) TTL Input Buffer Schmitt Trigger Buffer TRIS Latch 1 0 P N VSS VDD Q DT Drive SPEN 1 0 SSPEN Note 1: I/O pins have diode protection to VDD and VSS. 2: To enable weak pull-ups, set the appropriate TRIS bit(s) and clear the RBPU bit. SSPEN + SPEN |