| データシートサーチシステム |
|
PIC16F87 データシート(PDF) 68 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F87 データシート(HTML) 68 Page - Microchip Technology |
|
68 / 214 page ![]() PIC16F87/88 DS30487B-page 66 Preliminary 2003 Microchip Technology Inc. FIGURE 5-15: BLOCK DIAGRAM OF RB7 PIN Data Latch From Other RBPU(2) P VDD I/O pin(1) Q D CK Q D CK QD EN QD EN Data Bus WR T1OSCEN Set RBIF TRIS Latch RD TRISB RD PORTB RB7:RB4 pins Weak Pull-up RD PORTB Latch Q3 Q1 PORTB Note 1: I/O pins have diode protection to VDD and VSS. 2: To enable weak pull-ups, set the appropriate TRIS bit(s) and clear the RBPU bit. PGD PGD PORT/Program Mode/ICD Analog TTL Input Buffer Input Mode To T1OSCI Input 1 0 PGD DRVEN T1OSCEN WR TRISB To A/D Module Channel Input (PIC16F88 only) 1 0 Analog Input Mode |