| データシートサーチシステム |
|
A22Z-R25 データシート(PDF) 9 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
A22Z-R25 データシート(HTML) 9 Page - Omron Electronics LLC |
|
9 / 52 page ![]() A22NE-PD 9 Dimensions (Unit: mm) Non-lighted Models Note: Unless otherwise specified, a tolerance of ±0.8mm applies to all dimensions. Accessories (Order Separately) Note: For details on the accessories common to the screw terminal block types and push-in plus terminal block types, refer to "Common Accessories and Tools (Order Separately)" on page 51. A22NE-MP-PD @@-N A22NE-MP-PD @@-N-69K A22NE-S-PD @@-N A22NE-M-PD @@-N A22NE-L-PD @@-N Lighted Model A22NE-M-PD @@-C Pull-reset (40-dia.) Degree of Protection: IP65 oil-resistant models 1.8 5.9 (0.5) 55 45 40 dia. 32 Pull-reset (40-dia.) Degree of Protection: IP69K 54.7 32 1.8 5.9 45 40 dia. Small Turn-reset (30-dia.) Degree of Protection: IP65 oil-resistant models 1.8 5.9 (0.5) 32 55 30 dia. 45 Note: The dimensions the same even if the Operation Unit is replaced with the A22NE-MR @-N or the A22NE-MR@-N-RD. Medium Turn-reset (40-dia.) Degree of Protection: IP65 oil-resistant models 1.8 5.9 (0.5) 40 dia. 45 55 32 Large Turn-reset (60-dia.) Degree of Protection: IP65 oil-resistant models 60 dia. 1.8 5.9 (0.5) 45 55 32 Medium Turn-reset (40-dia.) Degree of Protection: IP65 40 dia. 1.8 5.9 (0.5) 32 55 45 24.3 9.8 dia. 9 dia. LED Lamp A22NZ-L-RC |