データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

A22Z-R25 データシート(PDF) 11 Page - Omron Electronics LLC

部品番号 A22Z-R25
部品情報  Emergency Stop Pushbutton Switches (22-dia. or 25-dia.)
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  OMRON [Omron Electronics LLC]
ホームページ  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

A22Z-R25 データシート(HTML) 11 Page - Omron Electronics LLC

Back Button A22Z-R25 Datasheet HTML 7Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 8Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 9Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 10Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 11Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 12Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 13Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 14Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 15Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 52 page
background image
A22NE-PD
11
Removing the Switch Unit
Installing the LED Lamp (Lighted Models)
When the Switch Unit is to be Removed
Slowly push the release port (concave part) of the lock lever with a
screwdriver to release the lock. The lock lever moves to the release position.
When the lock lever is at the released position in this Switch, the NO and NC
contact operation is reversed.
Set the lock lever to the locked position when using the Switch.
Locked position
Release position
Lock lever concave part
<Lock lever position>
When the LED Lamp is to be Installed
Insert the protrusions on the LED Lamp into the guides on the Switch Unit in
direction (1), and then turn the LED Lamp in direction (2) to lock it in place.
2
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52