| データシートサーチシステム |
|
A22Z-R25 データシート(PDF) 27 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
A22Z-R25 データシート(HTML) 27 Page - Omron Electronics LLC |
|
27 / 52 page ![]() A22NE-P 27 Removing the Mounting Latch Switch Blocks and Lighting Unit Attaching the LED Lamp to the Lighting Unit Control Box When the Mounting Latch is to be Removed • Press the lock lever in from the back side to release the lock, and then hook the Mounting Collar with a screwdriver, move it in the direction indicated at (2), and remove it. Turn the lever all of the way until it clicks into place. (1) Installing the Switch Blocks and Lighting Unit • Catch the projection on the opposite side of the Mounting Collar from the lever side and press the Switch Block in the direction indicated at (1). (2) Removing the Switch Blocks and Lighting Units • Insert a screwdriver into the gap between the Mounting Collar and Switch Block and press it inward in the direction shown at (2). (1) (3) (2) (1) (1) (2) (3) When the LED Lamp is to be Installed • Insert the protrusions on the LED Lamp into the guides on the Lighting Unit and then turn the LED Lamp in direction (2) to lock it in place. (1) Mounting the Switch Mount the Switch in the same way as for a standard panel. The tightening torque of the Box screws is 1.4 to 2.0 N·m. (2) Creating a Cable Hole To open a cable hole, leave the cover attached, place the tip of a screwdriver in the grooves at four locations around the cable hole, and strike the screwdriver with a hammer to open the hole. (3) Securing the Connector Cable 1. Insert the connector into the cable port hole in the Box and secure with the fixing ring inside the box. 2. Pass the tightening cap through the cable, insert the cable into the connector, and tighten the tightening cap to secure the cable. 2 1 Legend Plate Switch Box Screwdriver Groove Side Strike at four diagonally opposed locations to open the hole. Cover Cable Hole Box Connector Tightening cap Cable O Ring Fixing Ring Cable diameter (mm) Connector 7 to 9 dia. A22Z-3500-1 9 to 11 dia. A22Z-3500-2 |