データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

RHRPM4424LK01V データシート(PDF) 6 Page - STMicroelectronics

部品番号 RHRPM4424LK01V
部品情報  Rad-hard 4.5 A dual low-side MOSFET driver
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RHRPM4424LK01V データシート(HTML) 6 Page - STMicroelectronics

Back Button RHRPM4424LK01V Datasheet HTML 2Page - STMicroelectronics RHRPM4424LK01V Datasheet HTML 3Page - STMicroelectronics RHRPM4424LK01V Datasheet HTML 4Page - STMicroelectronics RHRPM4424LK01V Datasheet HTML 5Page - STMicroelectronics RHRPM4424LK01V Datasheet HTML 6Page - STMicroelectronics RHRPM4424LK01V Datasheet HTML 7Page - STMicroelectronics RHRPM4424LK01V Datasheet HTML 8Page - STMicroelectronics RHRPM4424LK01V Datasheet HTML 9Page - STMicroelectronics RHRPM4424LK01V Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
4
Maximum ratings
Table 2. Thermal data
Symbol
Parameter
Value
Unit
FLAT-10
FLAT-16
Rthjc
Max. thermal resistance, junction-to-case
25
8
°C/W
Rthja (1)
Max. thermal resistance, junction-to-ambient
117
70
°C/W
PTOT
Maximum power dissipation @ Tamb = 70 °C
0.70
1.10
W
PTOT
Maximum power dissipation @ Tamb = 125 °C
0.21
0.36
W
1. Measured on 2s2p board as per std Jedec (JESD51-7) in natural convection.
Table 3. Absolute maximum ratings
Symbol
Parameter
Value
Unit
VCC
Supply voltage
PGND-0.3 to PGND+20
V
PGND
Power ground
-
V
SGND
Signal ground
PGND-5 to PGND+5
V
PWM_1
PWM_2
PWM input
SGND-0.3 to VCC+0.3
V
OUT_1
OUT_2
Driver output
PGND-0.3 to VCC+0.3
V
IOUT
DC output current (for each driver)
750
mA
Tstg
Storage temperature
-65 to 150
°C
TJ
Maximum operating junction temperature
150
°C
TLEAD
Lead temperature (soldering, 10 seconds) (1)
300
°C
VHBM
ESD capability, human body model
2000
V
VMM
ESD capability, machine model
200
V
1. The distance is 1.5 mm far from the device body and the same lead is resoldered after 3 minutes.
RHRPM4424
Maximum ratings
DS11485 - Rev 7
page 6/31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com