データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

RHRPM4424LK01V データシート(PDF) 7 Page - STMicroelectronics

部品番号 RHRPM4424LK01V
部品情報  Rad-hard 4.5 A dual low-side MOSFET driver
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RHRPM4424LK01V データシート(HTML) 7 Page - STMicroelectronics

Back Button RHRPM4424LK01V Datasheet HTML 3Page - STMicroelectronics RHRPM4424LK01V Datasheet HTML 4Page - STMicroelectronics RHRPM4424LK01V Datasheet HTML 5Page - STMicroelectronics RHRPM4424LK01V Datasheet HTML 6Page - STMicroelectronics RHRPM4424LK01V Datasheet HTML 7Page - STMicroelectronics RHRPM4424LK01V Datasheet HTML 8Page - STMicroelectronics RHRPM4424LK01V Datasheet HTML 9Page - STMicroelectronics RHRPM4424LK01V Datasheet HTML 10Page - STMicroelectronics RHRPM4424LK01V Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
5
Electrical characteristics
VCC = 4.65 V to 18 V and TJ = -55 to 125 °C, unless otherwise specified.
Table 4. Electrical characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
ICC
VCC quiescent current
VCC= 18 V Inputs not
switching
OUTH_1 ≡ OUTL_1
OUTH_2 ≡ OUTL_2
TJ = 25 °C
1.6
2.1
mA
VUVLO
Undervoltage lockout threshold for
turn-on
VCC rising
4.3
4.65
V
Undervoltage lockout hysteresis
300
mV
Input stage
PWM_x
Input at high level – VIH
Rising threshold
2.0
V
Input at low level – VIL
Falling threshold
0.8
V
tD_PWM_x
Minimum delay time between VCC
supply connection and PWM_x
inputs driving (1)
50
ms
IPWM
PWM_xinput pin current
PWM_x = SGND
-1
+1
μA
PWM_x = 3.3 V
VCC = 10 V and 18 V
0
+2
PWM_x = VCC- 0.5 V
VCC = 18 V
0
+5
dVPWM/dt PWM_xinput pin transient (1)
100
mV/s
Output stage
Rhi
Source resistance
VCC = 10 V
Inputs at high level
IOUT = 100 mA
TJ = 25 °C
0.7
1.1
Ω
VCC = 10 V
Inputs at high level
IOUT = 100 mA
1.4
Ω
Rlo
Sink resistance
VCC = 10 V
Inputs at low level
IOUT = 100 mA
TJ = 25 °C
1.0
1.4
Ω
VCC = 10 V
Inputs at low level
IOUT = 100 mA
1.9
Ω
RHRPM4424
Electrical characteristics
DS11485 - Rev 7
page 7/31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com