データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

RHRPM4424LK01V データシート(PDF) 1 Page - STMicroelectronics

部品番号 RHRPM4424LK01V
部品情報  Rad-hard 4.5 A dual low-side MOSFET driver
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RHRPM4424LK01V データシート(HTML) 1 Page - STMicroelectronics

  RHRPM4424LK01V Datasheet HTML 1Page - STMicroelectronics RHRPM4424LK01V Datasheet HTML 2Page - STMicroelectronics RHRPM4424LK01V Datasheet HTML 3Page - STMicroelectronics RHRPM4424LK01V Datasheet HTML 4Page - STMicroelectronics RHRPM4424LK01V Datasheet HTML 5Page - STMicroelectronics RHRPM4424LK01V Datasheet HTML 6Page - STMicroelectronics RHRPM4424LK01V Datasheet HTML 7Page - STMicroelectronics RHRPM4424LK01V Datasheet HTML 8Page - STMicroelectronics RHRPM4424LK01V Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
FLAT-1 6
FLAT-1 0
Features
Wide operating voltage range: 4.65 V to 18 V
Parallel driving capability up to 9 A
Non-inverting configuration
Input 5 V logic level compatibility
110 ns typical propagation delay
Matched propagation delays between the two channels (5 ns max.)
20 mV maximum low level output voltage
30 ns rise and fall times
+/-5 V common mode bouncing between signal and power grounds
TID:
100 krad HDR
100 krad LDR
QML-V qualification
Hermetic package
Applications
Switch mode power supply
DC-DC converters
Motor controllers
Line drivers
Description
The RHRPM4424 is a flexible, high-frequency dual low-side driver specifically
designed to work with high capacitive MOSFETs and IGBTs in an environment with
high levels of radiation such as aerospace. The RHRPM4424 outputs can sink and
source 4.5 A of peak current independently. By putting in parallel the two PWM
outputs, a higher driving current (up to 9 A peak) can be obtained. The RHRPM4424
works with CMOS/TTL compatible PWM signal so it can be driven by an external
PWM controller, such as the ST1843 or the ST1845. The FLAT-16 version conforms
to an industry standard pinout and can dissipate up to 550 mW per channel, while
FLAT-10 version optimizes the PCB real estate. Since both of packages are hermetic,
this device is suitable for any kind of harsh-environment.
Maturity status link
RHRPM4424
Rad-hard 4.5 A dual low-side MOSFET driver
RHRPM4424
Datasheet
DS11485 - Rev 7 - February 2019
For further information contact your local STMicroelectronics sales office.
www.st.com


同様の部品番号 - RHRPM4424LK01V

メーカー部品番号データシート部品情報
logo
STMicroelectronics
RHRPM4423 STMICROELECTRONICS-RHRPM4423 Datasheet
1Mb / 31P
Rad-hard 4.5 A dual inverting low-side MOSFET driver
15-May-2019
RHRPM4423D2V STMICROELECTRONICS-RHRPM4423D2V Datasheet
1Mb / 31P
Rad-hard 4.5 A dual inverting low-side MOSFET driver
15-May-2019
RHRPM4423K01V STMICROELECTRONICS-RHRPM4423K01V Datasheet
1Mb / 31P
Rad-hard 4.5 A dual inverting low-side MOSFET driver
15-May-2019
RHRPM4423K02V STMICROELECTRONICS-RHRPM4423K02V Datasheet
1Mb / 31P
Rad-hard 4.5 A dual inverting low-side MOSFET driver
15-May-2019
RHRPM4423LK01V STMICROELECTRONICS-RHRPM4423LK01V Datasheet
1Mb / 31P
Rad-hard 4.5 A dual inverting low-side MOSFET driver
15-May-2019
More results

同様の説明 - RHRPM4424LK01V

メーカー部品番号データシート部品情報
logo
M.S. Kennedy Corporatio...
MSK5911 MSK-MSK5911 Datasheet
293Kb / 7P
DUAL RAD HARD /- VOLTAGE REGULATOR
logo
STMicroelectronics
M54HC393 STMICROELECTRONICS-M54HC393_04 Datasheet
331Kb / 12P
RAD-HARD DUAL BINARY COUNTER
10-May-2004
PM8834 STMICROELECTRONICS-PM8834 Datasheet
330Kb / 18P
4 A dual low side MOSFET driver
13-Oct-2008
logo
Sensitron
SRADM1006 SENSITRON-SRADM1006 Datasheet
152Kb / 2P
HERMETIC RAD HARD POWER MOSFET
SRADM1008 SENSITRON-SRADM1008 Datasheet
153Kb / 2P
HERMETIC RAD HARD POWER MOSFET
logo
STMicroelectronics
RHFLVDS315 STMICROELECTRONICS-RHFLVDS315 Datasheet
302Kb / 15P
Rad-hard quad LVDS driver
21-Oct-2015
logo
Anaren Microwave
MSK6000RH ANAREN-MSK6000RH Datasheet
655Kb / 7P
RAD HARD DUAL HIGH SIDE DRIVER WITH CURRENT SENSE
logo
STMicroelectronics
RHFLVDS31A STMICROELECTRONICS-RHFLVDS31A Datasheet
385Kb / 15P
Rad-hard quad LVDS driver
28-Apr-2017
RHFLVDSR2D2 STMICROELECTRONICS-RHFLVDSR2D2 Datasheet
437Kb / 17P
Rad-hard dual LVDS driver-receiver
04-Mar-2015
RHRPM4423 STMICROELECTRONICS-RHRPM4423 Datasheet
1Mb / 31P
Rad-hard 4.5 A dual inverting low-side MOSFET driver
15-May-2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com