データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SH33F2801P/032PR データシート(PDF) 1 Page - SINOWEALTH Electronic Ltd

部品番号 SH33F2801P/032PR
部品情報  32-bit High Performance Motor Control MCU Based on ARM® Star
PDF  407 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SINOWEALTH [SINOWEALTH Electronic Ltd]
ホームページ  https://en.sinowealth.com
Logo SINOWEALTH - SINOWEALTH Electronic Ltd

SH33F2801P/032PR データシート(HTML) 1 Page - SINOWEALTH Electronic Ltd

  SH33F2801P/032PR Datasheet HTML 1Page - SINOWEALTH Electronic Ltd SH33F2801P/032PR Datasheet HTML 2Page - SINOWEALTH Electronic Ltd SH33F2801P/032PR Datasheet HTML 3Page - SINOWEALTH Electronic Ltd SH33F2801P/032PR Datasheet HTML 4Page - SINOWEALTH Electronic Ltd SH33F2801P/032PR Datasheet HTML 5Page - SINOWEALTH Electronic Ltd SH33F2801P/032PR Datasheet HTML 6Page - SINOWEALTH Electronic Ltd SH33F2801P/032PR Datasheet HTML 7Page - SINOWEALTH Electronic Ltd SH33F2801P/032PR Datasheet HTML 8Page - SINOWEALTH Electronic Ltd SH33F2801P/032PR Datasheet HTML 9Page - SINOWEALTH Electronic Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 407 page
background image
SH33F2801
32-bit High Performance Motor Control MCU Based on
ARM
® Star
1
V1.0
1.
Features
 32-bit ARM Star core
- With frequency up to 84MHz
- DSP and FPU
- 32-bit hardware multiply/divide unit
- High-speed memory and instruction accelerator
- Instruction set compatible with Cortex-M4
 Built-in math arithmetic coprocessor (MACP)
- Hardware 32-bit CORDIC operator, supporting sine &
cosine, arctangent, modulo calculation, Park transform
and inverse transform
- FOC dedicated SVPWM hardware engine, supporting
five-segment and seven-segment
 Memories
- Up to 128K bytes 128-bit width FLASH memory
- Up to 16K bytes of RAM
- Up to 4K bytes of EEPROM
- 1K bytes of OTP (one-time programming) memory
- Supports full code protection, including two-levels of
reading protection, writing protection, erasing
protection, customer security code protection, etc.
 Clock, reset and power management
- 2.4V - 5.5V power supply range, covering 3V/5V
typical system
- Power-on reset, brownout detection, low-voltage reset
- Independent watchdog timer (IWDT) and window
watchdog timer (WWDT)
- Integrates PLL, up to84MHz clock output
- 4M - 12MHz crystal oscillator/ceramic oscillator
- Internal high frequency RC oscillator: 8MHz (0.2%
accuracy under normal temperature)
- Built-in low frequency RC oscillator: 128kHz
- Clock Security Monitor (CSM)
 1 x independent 12-bit high speed ADCs
- Up to 2M SPS sampling rate
- 16 channels (with 16 ANx sampling pins)
- Configurable sequence conversion with 16 AD
conversion result registers for ADC
- Support PWM synchronously triggering AD sampling
- Single/intermittent/continuous conversion modes,
support event-triggered sampling
- Internal reference voltage or external input voltage as
reference source
 Up to 45 fast GPIO ports (GPIOx)
- Internal pull-up/pull-down resistors for all I/Os
-45 I/Os for TQFP48 and 29 for LQFP32
 8 channels external interrupt/event controller
(EXTI)
- Support edge trigger, level trigger, software trigger
- Applicable for generating normal interrupts, wake-up
events , and NMI interrupt
 1 motor-specific control modules (MCMx)
- 6 PWM outputs for each MCM, 16-bit resolution
- Support complementary/independent output mode,
support symmetric and asymmetric waveform
generation
- Integrates dead time logic, fault protection, logic
exception protection, wave-by-wave current limiting,
etc.
- Each MCM integrates 4 event comparators, providing
4 AD sampling moments
- Support phase shift function, suitable for single shunt
sampling
 Two 32-bit PCA0-1 with compare/capture/PWM
modules
 Two 16-bit basic timers/counters (TIMx)
- Capable of cascade-connected as 32-bit timer
- Automatically reload counter
 1 quadrature encoder interface (QEI) with
independent 32-bit timer included
 Multiple serial communication interfaces
- 3 universal asynchronous receiver transmitter
(UARTx)
- 1 serial peripheral interfaces (SPI)
- 1 two-wire serial interface (TWI), master-slave mode,
compatible with I
2C
 CAN
- Comply with CAN 2.0b specification
- 15 message buffers, support remote frames, receive
filters
 Other analog modules on chip
- 4 independent high speed operational amplifiers (OPx)
- 1 independent high speed comparators (CMPx)
- Internal high accuracy reference voltage
 CRC calculation unit
- supporting 8/16/32-bit polynomial
- applicable for code verification, data verification
 LVR function (2 thresholds), BOD function (16
thresholds)
 96-bit unique ID
 Low power modes: sleep mode & stop mode
 Supports 2-wire SWD interface
 Operating temperature: -40 ~ 105℃
 Package: TQFP48, LQFP32


同様の部品番号 - SH33F2801P/032PR

メーカー部品番号データシート部品情報
logo
Galaxy Semi-Conductor H...
SH33F BILIN-SH33F Datasheet
448Kb / 4P
Schottky Barrier Rectifiers
More results

同様の説明 - SH33F2801P/032PR

メーカー部品番号データシート部品情報
logo
STMicroelectronics
CD00161566 STMICROELECTRONICS-CD00161566 Datasheet
1Mb / 105P
Medium-density performance line ARM-based 32-bit MCU with 64 or 128 KB Flash, USB, CAN, 7 timers, 2 ADCs, 9 com. interfaces
05-Aug-2013
CD00253742 STMICROELECTRONICS-CD00253742 Datasheet
2Mb / 120P
XL-density performance line ARM-based 32-bit MCU
18-Jan-2012
STM32F103VFT6 STMICROELECTRONICS-STM32F103VFT6 Datasheet
2Mb / 120P
XL-density performance line ARM-based 32-bit MCU
18-Jan-2012
STM32F103VFT6TR STMICROELECTRONICS-STM32F103VFT6TR Datasheet
2Mb / 120P
XL-density performance line ARM-based 32-bit MCU
18-Jan-2012
STM32F103ZET7 STMICROELECTRONICS-STM32F103ZET7 Datasheet
1Mb / 130P
High-density performance line ARM-based 32-bit MCU
19-Apr-2011
logo
List of Unclassifed Man...
XPT32P001 ETC2-XPT32P001 Datasheet
345Kb / 1P
ARM-based 32-bit MCU
logo
SINOWEALTH Electronic L...
SH32F2601 SINOWEALTH-SH32F2601 Datasheet
4Mb / 370P
32-bit High Performance Motor Control MCU Based on ARM® Star
V1.0
logo
Infineon Technologies A...
CYT2BL INFINEON-CYT2BL Datasheet
1Mb / 168P
TRAVEO™ T2G 32-bit Automotive MCU Based on Arm® Cortex®-M4F-single
Rev. E 2022-02-16
CYT3DL INFINEON-CYT3DL Datasheet
3Mb / 207P
TRAVEO™ T2G 32-bit Automotive MCU Based on Arm® Cortex®-M7 single
Rev. H 2023-03-03
CYT2CL INFINEON-CYT2CL Datasheet
1Mb / 174P
TRAVEO™ T2G 32-bit Automotive MCU Based on Arm® Cortex®-M4F single
Rev. F 2022-10-20
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com