データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SH33F2801P/032PR データシート(PDF) 12 Page - SINOWEALTH Electronic Ltd

部品番号 SH33F2801P/032PR
部品情報  32-bit High Performance Motor Control MCU Based on ARM® Star
PDF  407 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SINOWEALTH [SINOWEALTH Electronic Ltd]
ホームページ  https://en.sinowealth.com
Logo SINOWEALTH - SINOWEALTH Electronic Ltd

SH33F2801P/032PR データシート(HTML) 12 Page - SINOWEALTH Electronic Ltd

Back Button SH33F2801P/032PR Datasheet HTML 8Page - SINOWEALTH Electronic Ltd SH33F2801P/032PR Datasheet HTML 9Page - SINOWEALTH Electronic Ltd SH33F2801P/032PR Datasheet HTML 10Page - SINOWEALTH Electronic Ltd SH33F2801P/032PR Datasheet HTML 11Page - SINOWEALTH Electronic Ltd SH33F2801P/032PR Datasheet HTML 12Page - SINOWEALTH Electronic Ltd SH33F2801P/032PR Datasheet HTML 13Page - SINOWEALTH Electronic Ltd SH33F2801P/032PR Datasheet HTML 14Page - SINOWEALTH Electronic Ltd SH33F2801P/032PR Datasheet HTML 15Page - SINOWEALTH Electronic Ltd SH33F2801P/032PR Datasheet HTML 16Page - SINOWEALTH Electronic Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 407 page
background image
SH33F2801
12
7.3
Special-purpose Registers
ARM Star Core also has several special registers on core level, as shown in the following table:
Table7-1
ARM Star Core Special Registers and Their Functions
Register
Function
xPSR
Provide ALU flags (zero flag, carry flag, negative flag, overflow flag), execution status, and current
executing interrupt number
PRIMASK
Disable all interrupts except the non-maskable interrupt(NMI) and Hard Fault
FAULTMASK
Disable all interrupts except the NMI
BASEPRI
Disable all interrupts of specific priority level or lower priority level
CONTROL
Define privilege status and stack pointer selection
7.3.1
Program Status Registers
The program status registers are subdivided into three status registers. These three registers are: application PSR
(APSR), interrupt PSR (IPSR), and execution PSR (EPSR). The three PSRs can be accessed together or separately using the
special register access instructions MSR and MRS. When they are accessed as a collective item, the name xPSR is used.
7.3.1.1
Application PSR
Application PSR (APSR) contains condition code flags. The ARM Star processor stores the condition code flags on the
stack before entering the exception. You can read the APSR using MRS instruction and can change the APSR using the MSR
instruction, but EPSR and IPSR are read-only.
b31
b30
b29
b28
b27
b26
b25
b24
b23
b22
b21
b20
b19
b18
b17
b16
N
Z
C
V
Q
Reserved
RW
RW
RW
RW
RW
-
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
b15
b14
b13
b12
b11
b10
b9
b8
b7
b6
b5
b4
b3
b2
b1
b0
Reserved
-
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Bit
Sign
Description
31
N
Negative
1: the result is negative
0: the result is positive
30
Z
Zero
1: the result is 0
0: the result is not 0
29
C
Carry/borrow
1: carry or borrow
0: no carry or borrow
28
V
Overflow
1: overflow
0: no overflow
27
Q
DSP Overflow and Sticky saturation flag
26 - 0
Reserved
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com