| データシートサーチシステム |
|
SH79F166AP/044PR データシート(PDF) 51 Page - SINOWEALTH Electronic Ltd |
|
|
|||||||||||||||||||||||||||||
SH79F166AP/044PR データシート(HTML) 51 Page - SINOWEALTH Electronic Ltd |
|
51 / 113 page ![]() SH79F166A 51 Registers Table 7.34 Timer5 Control Register C0H, Bank1 Bit7 Bit6 Bit5 Bit4 Bit3 Bit2 Bit1 Bit0 T5CON TF5 - T5PS1 T5PS0 - - TR5 - R/W R/W - R/W R/W - - R/W - Reset Value (POR/WDT/LVR/PIN) 0 - 0 0 - - 0 - Bit Number Bit Mnemonic Description 7 TF5 Timer5 overflow flag bit 0: No overflow (cleared by hardware) 1: Overflow (Set by hardware) 5-4 T5PS[1:0] Timer5 input clock Prescale Select bits 00: 1/1 01: 1/8 10: 1/64 11: 1/256 1 TR5 Timer5 start/stop control bit 0: Stop Timer5 1: Start Timer5 Table 7.35 Timer5 Reload/Counter Data Registers CEH-CFH, Bank1 Bit7 Bit6 Bit5 Bit4 Bit3 Bit2 Bit1 Bit0 TL5 TL5.7 TL5.6 TL5.5 TL5.4 TL5.3 TL5.2 TL5.1 TL5.0 TH5 TH5.7 TH5.6 TH5.5 TH5.4 TH5.3 TH5.2 TH5.1 TH5.0 R/W R/W R/W R/W R/W R/W R/W R/W R/W Reset Value (POR/WDT/LVR/PIN) 0 0 0 0 0 0 0 0 Bit Number Bit Mnemonic Description 7-0 TL5.x Timer5 Low & High byte counter, x = 0 - 7 TH5.x Table 7.36 Timer5 Reload/Count Data Register 89H, Bank1 Bit7 Bit6 Bit5 Bit4 Bit3 Bit2 Bit1 Bit0 SWTHL - - - - - - T5HLCON T3HLCON R/W - - - - - - R/W R/W Reset Value (POR/WDT/LVR/PIN) - - - - - - 0 0 Bit Number Bit Mnemonic Description 1 T5HLCON 0: when read TH5, TL5, return T5 count data 1: when read TH5, TL5, return T5 reload register data |