| データシートサーチシステム |
|
SH79F166AP/044PR データシート(PDF) 100 Page - SINOWEALTH Electronic Ltd |
|
|
|||||||||||||||||||||||||||||
SH79F166AP/044PR データシート(HTML) 100 Page - SINOWEALTH Electronic Ltd |
|
100 / 113 page ![]() SH79F166A 100 LOGIC OPERATIONS Opcode Description Code Byte Cycle ANL A, Rn AND register to accumulator 0x58-0x5F 1 1 ANL A, direct AND direct byte to accumulator 0x55 2 2 ANL A, @Ri AND indirect RAM to accumulator 0x56-0x57 1 2 ANL A, #data AND immediate data to accumulator 0x54 2 2 ANL direct, A AND accumulator to direct byte 0x52 2 3 ANL direct, #data AND immediate data to direct byte 0x53 3 3 ORL A, Rn OR register to accumulator 0x48-0x4F 1 1 ORL A, direct OR direct byte to accumulator 0x45 2 2 ORL A, @Ri OR indirect RAM to accumulator 0x46-0x47 1 2 ORL A, #data OR immediate data to accumulator 0x44 2 2 ORL direct, A OR accumulator to direct byte 0x42 2 3 ORL direct, #data OR immediate data to direct byte 0x43 3 3 XRL A, Rn Exclusive OR register to accumulator 0x68-0x6F 1 1 XRL A, direct Exclusive OR direct byte to accumulator 0x65 2 2 XRL A, @Ri Exclusive OR indirect RAM to accumulator 0x66-0x67 1 2 XRL A, #data Exclusive OR immediate data to accumulator 0x64 2 2 XRL direct, A Exclusive OR accumulator to direct byte 0x62 2 3 XRL direct, #data Exclusive OR immediate data to direct byte 0x63 3 3 CLR A Clear accumulator 0xE4 1 1 CPL A Complement accumulator 0xF4 1 1 RL A Rotate accumulator left 0x23 1 1 RLC A Rotate accumulator left through carry 0x33 1 1 RR A Rotate accumulator right 0x03 1 1 RRC A Rotate accumulator right through carry 0x13 1 1 SWAP A Swap nibbles within the accumulator 0xC4 1 4 |